Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSFP3N25 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSFP3N25
Description  StarMOST Power MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSFP3N25 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSFP3N25 Datasheet HTML 1Page - GOOD-ARK Electronics SSFP3N25 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSFP3N25
StarMOS
T Power MOSFET
Electrical Characteristics @TJ=25
ْC(unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
250
V
VGS=0V,ID=250
μA
△V(BR)DSS/△TJ Breakdown Voltage Temp.Coefficient
0.39
V/
ْC Reference to 25ْC,ID=1mA
RDS(on)
Static Drain-to-Source On-resistance
1.6
2.0
Ω VGS=10V,ID=1.6A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS=VGS,ID=250
μA
gfs
Forward Transconductance
0.8
1.2
S
VDS=40V,ID=1.6A
25
VDS=250V,VGS=0V
IDSS
Drain-to-Source Leakage current
250
μA
VDS=200V,VGS=0V,TJ=150
ْC
Gate-to-Source Forward leakage
100
VGS=20V
IGSS
Gate-to-Source Reverse leakage
-100
nA
VGS=-20V
Qg
Total Gate Charge
9.6
14.4
Qgs
Gate-to-Source charge
2.4
3.6
Qgd
Gate-to-Drain("Miller") charge
4.5
6.7
nC
ID=2.7A
VDS=200V
VGS=10V
td(on)
Turn-on Delay Time
8.9
13
tr
Rise Time
12
18
td(off)
Turn-Off Delay Time
18
27
tf
Fall Time
8.9
15
nS
VDD=200V
ID=2.7A
RG=61
LD
Internal Drain Inductance
4.5
LS
Internal Source Inductance
7.5
nH
Between lead,
6mm(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
180
Coss
Output Capacitance
53
Crss
Reverse Transfer Capacitance
14
pF
VGS=0V
VDS=25V
f
=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
2.0
ISM
Pulsed Source Current
.
(Body Diode)
8.0
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
2.0
V
TJ=25
ْC,IS=2.7A,VGS=0V ④
trr
Reverse Recovery Time
67
340
nS
Qrr
Reverse Recovery Charge
0.24
0.54
1.2
μC
TJ=25
ْC,IF=2.7A
di/dt=100A/
μs ④
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
① Repetitive rating;pulse width limited by
③ ISD≤2.7A,di/dt≤65A/μS,VDD≤V(BR)DSS,
max.junction temperature(see figure 11)
TJ≤25
ْ C
L = 13mH, IAS = 2.7 A, VDD = 50V,
④ Pulse width≤300μS; duty cycle≤2%
RG = 25
, Starting TJ = 25°C
2


Similar Part No. - SSFP3N25

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFP3N20 GOOD-ARK-SSFP3N20 Datasheet
203Kb / 2P
   StarMOST Power MOSFET
More results

Similar Description - SSFP3N25

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFP5N45 GOOD-ARK-SSFP5N45 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP8N25 GOOD-ARK-SSFP8N25 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP1N65 GOOD-ARK-SSFP1N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP7N65 GOOD-ARK-SSFP7N65 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP8N80 GOOD-ARK-SSFP8N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP2N70 GOOD-ARK-SSFP2N70 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP3N50 GOOD-ARK-SSFP3N50 Datasheet
193Kb / 2P
   StarMOST Power MOSFET
SSFP5N80 GOOD-ARK-SSFP5N80 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP6N90 GOOD-ARK-SSFP6N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
SSFP18N20 GOOD-ARK-SSFP18N20 Datasheet
202Kb / 2P
   StarMOST Power MOSFET
SSFP4N90 GOOD-ARK-SSFP4N90 Datasheet
201Kb / 2P
   StarMOST Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com