Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC210-8 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC210-8
Description  TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC210-8 Datasheet(HTML) 2 Page - Motorola, Inc

  MAC210-8 Datasheet HTML 1Page - Motorola, Inc MAC210-8 Datasheet HTML 2Page - Motorola, Inc MAC210-8 Datasheet HTML 3Page - Motorola, Inc MAC210-8 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC210 Series MAC210A Series
3–76
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(VD = Rated VDRM, Gate Open) TJ = 25°C
TJ = +125°C
IDRM
10
2
µA
mA
Peak On-State Voltage (Either Direction)
(ITM = 14 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle p 2%)
VTM
1.2
1.65
Volts
Gate Trigger Current (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
IGT
12
12
20
35
50
50
50
75
mA
Gate Trigger Voltage (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
(Main Terminal Voltage = Rated VDRM, RL = 10 k ohms,
TJ = +125°C)
MT2(+), G(+); MT2(–), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
VGT
0.2
0.2
0.9
0.9
1.1
1.4
2
2
2
2.5
volts
Holding Current (Either Direction)
(Main Terminal Voltage = 12 Vdc, Gate Open,
Initiating Current = 500 mA, TC = +25°C)
IH
6
50
mA
Turn-On Time
(Rated VDRM, ITM = 14 A)
(IGT = 120 mA, Rise Time = 0.1 µs, Pulse Width = 2 µs)
tgt
1.5
µs
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 14 A, Commutating di/dt = 5.0 A/ms,
Gate Unenergized, TC = 70°C)
dv/dt(c)
5
V/
µs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Voltage Rise,
Gate Open, TC = +70°C)
dv/dt
100
V/
µs


Similar Part No. - MAC210-8

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC210-8 DIGITRON-MAC210-8 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Motorola, Inc
MAC210-8FP MOTOROLA-MAC210-8FP Datasheet
112Kb / 6P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC210-8FP NJSEMI-MAC210-8FP Datasheet
133Kb / 2P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC210-8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC210FP NJSEMI-MAC210FP Datasheet
133Kb / 2P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
T2500FP MOTOROLA-T2500FP Datasheet
83Kb / 4P
   ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
MAC15-4FP MOTOROLA-MAC15-4FP Datasheet
80Kb / 4P
   ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com