Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143EM Datasheet(PDF) 7 Page - Weitron Technology

Part # DTC143EM
Description  Bias Resistor Transistor NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC143EM Datasheet(HTML) 7 Page - Weitron Technology

Back Button DTC143EM Datasheet HTML 2Page - Weitron Technology DTC143EM Datasheet HTML 3Page - Weitron Technology DTC143EM Datasheet HTML 4Page - Weitron Technology DTC143EM Datasheet HTML 5Page - Weitron Technology DTC143EM Datasheet HTML 6Page - Weitron Technology DTC143EM Datasheet HTML 7Page - Weitron Technology DTC143EM Datasheet HTML 8Page - Weitron Technology DTC143EM Datasheet HTML 9Page - Weitron Technology DTC143EM Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
11-Apr-07
WEITRON
http://www.weitron.com.tw
DTC114EM Series
WEITRON
TYPICAL ELECTRICAL CHARACTERISTICS − DTC144EM
Figure.12 VCE(sat)vs IC
0
2
4
6
8
10
100
10
1
0.1
0.01
0.001
Vin , INPUT VOLTAGE (V)
TA
°C
75°C
25°C
Figure.13 DC Current Gain
Figure 14. Output Capacitance
100
10
1
0.1
0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure.15 Output Current vs Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA
°C
25°C
-25°C
100
10
100
1
25°C
75°C
50
0
10
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (V)
Figure.16 Input Voltage vs Output Current
0
20
40
50
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
25°C
75°C
VCE= 10 V
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
TA
°C
TA
°C


Similar Part No. - DTC143EM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EM ROHM-DTC143EM Datasheet
87Kb / 4P
   Digital transistors (built-in resistors)
logo
AiT Semiconductor Inc.
DTC143EM AITSEMI-DTC143EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Rohm
DTC143EM ROHM-DTC143EM Datasheet
878Kb / 3P
   DTA/DTC SERIES
DTC143EM ROHM-DTC143EM Datasheet
147Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
DTC143EM ROHM-DTC143EM Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC143EM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com