Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-45V32AD642KF-A75 Datasheet(PDF) 11 Page - Elpida Memory

Part # MC-45V32AD642KF-A75
Description  32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45V32AD642KF-A75 Datasheet(HTML) 11 Page - Elpida Memory

Back Button MC-45V32AD642KF-A75 Datasheet HTML 7Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 8Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 9Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 10Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 11Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 12Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 13Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 14Page - Elpida Memory MC-45V32AD642KF-A75 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
'DWD 6KHHW E0026N10
11
MC-45V32AD642
Serial PD
(1/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
0
Defines the number of bytes written
80H
1
0
0
0
0
0
0
0
128 bytes
into serial PD memory
1
Total number of bytes of serial PD
08H
0
0
0
0
1
0
0
0
256 bytes
memory
2
Fundamental memory type
08H
0
0
0
0
1
0
0
0
VC DRAM
3
Number of row addresses
0DH
0
0
0
0
1
1
0
1
13 rows
4
Number of column addresses
08H
0
0
0
0
1
0
0
0
8 columns
5
Number of banks
02H
0
0
0
0
0
0
1
0
2 banks
6
Data width
40H
0
1
0
0
0
0
0
0
64 bits
7
Data width (continued)
00H
0
0
0
0
0
0
0
0
0
8
Voltage interface standard
01H
0
0
0
0
0
0
0
1
LVTTL
9
Read latency (/CAS latency) = 2
-A75
75H
0
1
1
1
0
1
0
1
7.5 ns
cycle time
10
Read latency (/CAS latency) = 2
-A75
54H
0
1
0
1
0
1
0
0
5.4 ns
access time
11
DIMM configuration type
00H
0
0
0
0
0
0
0
0
None
12
Refresh rate / type
80H
1
0
0
0
0
0
0
0
Normal
13
VC DRAM width
08H
0
0
0
0
1
0
0
0
×8
14
Error checking DRAM width
00H
0
0
0
0
0
0
0
0
None
15
Minimum clock delay
01H
0
0
0
0
0
0
0
1
1 clock
16
Burst length supported
04H
0
0
0
0
0
1
0
0
4
17
Number of banks on each VC DRAM
02H
0
0
0
0
0
0
1
0
2 banks
18
Read latency (/CAS latency) supported
02H
0
0
0
0
0
0
1
0
2
19
/CS latency supported
01H
0
0
0
0
0
0
0
1
0
20
/WE latency supported
01H
0
0
0
0
0
0
0
1
0
21
VC DRAM module attributes
00H
0
0
0
0
0
0
0
0
22
VC DRAM device attributes : general
0EH
0
0
0
0
1
1
1
0
23-26
00H
0
0
0
0
0
0
0
0
27
tRP (MIN.)
-A75
14H
0
0
0
1
0
1
0
0
20 ns
28
tRRD (MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
29
tAPD (MIN.)
-A75
0FH
0
0
0
0
1
1
1
1
15 ns
30
tRAS (MIN.)
-A75
34H
0
0
1
1
0
1
0
0
52.5 ns


Similar Part No. - MC-45V32AD642KF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AB642KF-A75 ELPIDA-MC-45V16AB642KF-A75 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A10 NEC-MC-45V16AD641EF-A10 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641EF-A75 NEC-MC-45V16AD641EF-A75 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-45V32AD642KF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com