Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA5V6V5 Datasheet(PDF) 2 Page - Weitron Technology

Part # ESDA5V6V5
Description  Quad Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ESDA5V6V5 Datasheet(HTML) 2 Page - Weitron Technology

  ESDA5V6V5 Datasheet HTML 1Page - Weitron Technology ESDA5V6V5 Datasheet HTML 2Page - Weitron Technology ESDA5V6V5 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.weitron.com.tw
WEITRON
2/3
09-Oct-07
ESDA6V8V5 Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
VBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni-Directional
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation (8 X 20 s @ TA = 25°C) (Note 1)
PPK
100
W
Steady State Power - 1 Diode (Note 2)
PD
300
mW
Thermal Resistance Junction to Ambient
Above 25°C, Derate
R JA
370
2.7
°
C/W
mW/°C
Maximum Junction Temperature
TJmax
150
°
C
Operating Junction and Storage Temperature Range
TJ Tstg
-55 to +150
°
C
ESD Discharge
MIL STD 883C - Method 3015-6
IEC1000-4-2, Air Discharge
IEC1000-4-2, Contact Discharge
VPP
16
16
9
kV
Lead Solder Temperature (10 seconds duration)
TL
260
°
C
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Breakdown Voltage
VBR @ 1 mA (Volts)
Leakage Current
IRM @ VRM
VC Max @ IPP
Typ Capacitance
@ 0 V Bias
(Note 3)
Max
VF @ IF =
200 mA
Device
Min
Nom
Max
VRWM IRWM ( A) VC (V) IPP (A)
(pF)
(V)
1. Non-repetitive current per Figure 1.
2. Only 1 diode under power. For all 4 diodes under power, PD will be 25%. Mounted on FR-4 board with min pad.
3. Capacitance of one diode at f = 1 MHz, VR = 0 V, TA = 25°C
5.32
5.6
5.88
3.0
1.0
10.5
10
90
1.3
5.89
6.2
6.51
4.0
0.5
11.5
9.0
80
1.3
6.46
6.8
7.14
4.3
0.1
12.5
8.0
70
1.3
ESDA5V6V5
ESDA6V2V5
ESDA6V8V5
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
5
2
4
3
VE
ESDA6V8V5
ESDA6V2V5
ESDA5V6V5


Similar Part No. - ESDA5V6V5

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESDA5V3 WEITRON-ESDA5V3 Datasheet
590Kb / 3P
   Dual transil arr ay for ESD protection
logo
STMicroelectronics
ESDA5V3L STMICROELECTRONICS-ESDA5V3L Datasheet
60Kb / 6P
   DUAL TRANSIL ARRAY FOR ESD PROTECTION
logo
Shanghai Semitech Semic...
ESDA5V3L SEMITECH-ESDA5V3L Datasheet
213Kb / 4P
   2 Unidirectional Transil functions
logo
STMicroelectronics
ESDA5V3L STMICROELECTRONICS-ESDA5V3L Datasheet
201Kb / 11P
   Dual Transil??array for ESD protection
July 2017 Rev 5
logo
Shanghai Leiditech Elec...
ESDA5V3L LEIDITECH-ESDA5V3L Datasheet
198Kb / 3P
   TVS Diode Array
More results

Similar Description - ESDA5V6V5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05T1 ONSEMI-SMF05T1 Datasheet
127Kb / 4P
   Quad Array for ESD Protection
January, 2006 -- Rev. 3
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2_06 Datasheet
52Kb / 4P
   Quad Array for ESD Protection
February, 2006 ??Rev. 4
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1_05 Datasheet
54Kb / 4P
   Quad Array for ESD Protection
June, 2005 ??Rev. 1
MSQA6V1W5T2G ONSEMI-MSQA6V1W5T2G Datasheet
172Kb / 6P
   Quad Array for ESD Protection
February, 2012 ??Rev. 7
logo
Pan Jit International I...
PJESDA5V6-5G PANJIT-PJESDA5V6-5G Datasheet
175Kb / 3P
   QUAD ARRAY FOR ESD PROTECTION
logo
Leshan Radio Company
LESD6A6V8W6T1G LRC-LESD6A6V8W6T1G Datasheet
354Kb / 5P
   Quad Array for ESD Protection
logo
ON Semiconductor
DF6A6.8FUT2G ONSEMI-DF6A6.8FUT2G Datasheet
100Kb / 3P
   Quad Array for ESD Protection
October, 2012 ??Rev. 2
MSQA6V1W5T2 ONSEMI-MSQA6V1W5T2 Datasheet
46Kb / 4P
   Quad Array for ESD Protection
November, 2003 ??Rev. 3
logo
Leshan Radio Company
LESDA5V6V5T1G LRC-LESDA5V6V5T1G Datasheet
320Kb / 6P
   Quad Array for ESD Protection
logo
ON Semiconductor
SMF05T1 ONSEMI-SMF05T1_09 Datasheet
169Kb / 5P
   Quad Array for ESD Protection
August, 2009 ??Rev. 4
DF6A6.8FUT1 ONSEMI-DF6A6.8FUT1 Datasheet
43Kb / 4P
   Quad Array for ESD Protection
May, 2001 ??Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com