Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2451 Datasheet(PDF) 1 Page - Pomona Electronics

Part # 2451
Description  BNC Female Panel Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

2451 Datasheet(HTML) 1 Page - Pomona Electronics

  2451 Datasheet HTML 1Page - Pomona Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pomona®
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm), .xxx = ± .005” (,127 mm).
All specifications are to the latest revisions. Specifications are subject to change without notice.
Registered trademarks are the property of their respective companies. Made in USA
6/9/99
PomonaACCESS 90157 (800) 444-6785 or (949) 253-3858
SY/EH/LS
More drawings available at www.pomonaelectronics.com
S:\Engineering \Release\DataSheets\FlukeDataSheet\d2451_1_01.doc
Page 1 of
1
Model 2451
BNC Female Panel Receptacle
Sales: 909-469-2900 Fax: 909-629-3317
Technical Assistance: 800-241-2060
MATERIALS:
Body and Fittings: Brass, Tarnish Resistant Plating
Center Contact: Gold Plated Beryllium Copper
Dielectric: PTFE
Finish: Body and Fittings: Tarnish Resistant
Center Contact: Gold Plated
RATING:
Nominal Impedance: 50 Ohms
Operating Temperature: -65ºC to +165ºC
ORDERING INFORMATION: Model 2451


Similar Part No. - 2451

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2451 SYSTEMSENSOR-2451 Datasheet
289Kb / 4P
   4-Wire Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
2451 GAMEWELL-FCI-2451 Datasheet
60Kb / 2P
   Photoelectronic Detector
logo
KR Electronics, Inc.
2451 KR-2451 Datasheet
22Kb / 2P
   Bandpass Filter
logo
Heyco.
2451 HEYCO-2451 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
KR Electronics, Inc.
2451-S KR-2451-S Datasheet
48Kb / 2P
   140 MHz Bandpass
More results

Similar Description - 2451

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
KC-79-51 WINCHESTER-KC-79-51 Datasheet
54Kb / 1P
   RECEPTACLE, PANEL, BNC, N
logo
List of Unclassifed Man...
BU-P3778 ETC2-BU-P3778 Datasheet
210Kb / 1P
   Bulkhead Female BNC Receptacle
BU-P4160 ETC2-BU-P4160 Datasheet
204Kb / 1P
   Bulkhead Female BNC Receptacle
logo
Winchester Electronics ...
SDKC-79-125 WINCHESTER-SDKC-79-125 Datasheet
53Kb / 1P
   RECEPTACLE, PANEL, ISOLATED GROUND, BNC
logo
Pomona Electronics
4850 POMONA-4850 Datasheet
23Kb / 1P
   SMA Female Panel Receptacle
logo
Huber+Suhner, Inc.
23_BNC-50-0-32104_N HUBERSUHNER-23_BNC-50-0-32104_N Datasheet
294Kb / 2P
   COAXIAL CONNECTOR, BNC, 50 Ohm, Straight panel receptacle, jack (female), flange mount
23_BNC-50-0-34111_N HUBERSUHNER-23_BNC-50-0-34111_N Datasheet
296Kb / 2P
   COAXIAL CONNECTOR, BNC, 50 Ohm, Straight panel receptacle, jack (female), flange mount
logo
Pomona Electronics
3778 POMONA-3778 Datasheet
30Kb / 1P
   BNC (Female) Isolated Ground Bulkhead Receptacle
4159 POMONA-4159 Datasheet
21Kb / 1P
   BNC Bulkhead Receptacle, Female, Hermetically Sealed
5148 POMONA-5148 Datasheet
20Kb / 1P
   BNC (Female) Bulkhead Receptacle, Isolated Ground
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com