Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY888C Datasheet(PDF) 5 Page - NXP Semiconductors

Part # CGY888C
Description  34 dB, 870 MHz GaAs push-pull forward amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CGY888C Datasheet(HTML) 5 Page - NXP Semiconductors

  CGY888C Datasheet HTML 1Page - NXP Semiconductors CGY888C Datasheet HTML 2Page - NXP Semiconductors CGY888C Datasheet HTML 3Page - NXP Semiconductors CGY888C Datasheet HTML 4Page - NXP Semiconductors CGY888C Datasheet HTML 5Page - NXP Semiconductors CGY888C Datasheet HTML 6Page - NXP Semiconductors CGY888C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CGY888C_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 14 October 2009
5 of 7
NXP Semiconductors
CGY888C
34 dB, 870 MHz GaAs push-pull forward amplifier
7.
Abbreviations
8.
Revision history
Table 6.
Abbreviations
Acronym
Description
CATV
Community Antenna TeleVision
GaAs
Gallium-Arsenide
MMIC
Monolithic Microwave Integrated Circuit
NTSC
National Television Standard Committee
PAL
Phase Alternating Line
RF
Radio Frequency
UNC
UNified Coarse
Table 7.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
CGY888C_3
20091014
Product data sheet
-
CGY888C_2
Modifications:
• Section 1.2 on page 1: some features were added.
• Table 5 on page 3: Xmod characteristic was added.
• Table 5 on page 3: Max values for NF were added.
CGY888C_2
20090921
Product data sheet
-
CGY888C_1
CGY888C_1
20080619
Product data sheet
-
-


Similar Part No. - CGY888C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY888C NXP-CGY888C Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - CGY888C

ManufacturerPart #DatasheetDescription
logo
NEC
MC-7834-KC NEC-MC-7834-KC Datasheet
86Kb / 2P
   870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
ANADIGICS, Inc
ACA2408 ANADIGICS-ACA2408 Datasheet
209Kb / 12P
   870 MHz, 34 dB Gain CATV Push-Pull Line Amplifier
logo
California Eastern Labs
MC-7834-KC CEL-MC-7834-KC_07 Datasheet
234Kb / 3P
   NECs 870 MHz GaAs CATV 20 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7832_2015 JMNIC-MC-7832_2015 Datasheet
60Kb / 6P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
California Eastern Labs
MC-7832 CEL-MC-7832_1 Datasheet
280Kb / 7P
   870 MHz CATV 22 dB PUSH-PULL AMPLIFIER
MC-7833 CEL-MC-7833_06 Datasheet
281Kb / 7P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7833_2015 JMNIC-MC-7833_2015 Datasheet
61Kb / 6P
   870 MHz CATV 25 dB PUSH-PULL AMPLIFIER
logo
California Eastern Labs
MC-7831 CEL-MC-7831_1 Datasheet
280Kb / 7P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
logo
Quanzhou Jinmei Electro...
MC-7831_2015 JMNIC-MC-7831_2015 Datasheet
61Kb / 6P
   870 MHz CATV 18 dB PUSH-PULL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com