Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3KP7.5 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 3KP7.5
Description  Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

3KP7.5 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  3KP7.5 Datasheet HTML 1Page - GOOD-ARK Electronics 3KP7.5 Datasheet HTML 2Page - GOOD-ARK Electronics 3KP7.5 Datasheet HTML 3Page - GOOD-ARK Electronics 3KP7.5 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
607
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
e
g
a
k
a
e
l
e
s
r
e
v
e
r
m
u
m
i
x
a
M
V
t
a
M
W
I
R (u
)
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
.
n
i
M.
x
a
M-
I
N
U-
I
B
0
.
5
P
K
30
4
.
65
5
.
70
10
.
50
0
0
10
0
0
25
.
2
1
36
.
9
A
0
.
5
P
K
30
4
.
65
2
.
70
10
.
50
0
0
10
0
0
20
.
6
2
32
.
9
0
.
6
P
K
37
6
.
65
4
.
80
10
.
60
0
0
10
0
0
22
.
3
6
24
.
1
1
A
0
.
6
P
K
37
6
.
67
6
.
70
10
.
60
0
0
10
0
0
23
.
1
9
23
.
0
1
5
.
6
P
K
32
2
.
74
1
.
90
15
.
60
0
50
0
0
19
.
3
4
23
.
2
1
A
5
.
6
P
K
32
2
.
70
3
.
80
15
.
60
0
50
0
0
19
.
7
6
22
.
1
1
0
.
7
P
K
38
7
.
76
8
.
90
10
.
70
0
20
0
46
.
5
2
23
.
3
1
A
0
.
7
P
K
38
7
.
75
9
.
80
10
.
70
0
20
0
40
.
0
5
20
.
2
1
5
.
7
P
K
33
3
.
87
6
.
0
10
.
15
.
70
0
10
0
28
.
9
0
23
.
4
1
A
5
.
7
P
K
33
3
.
88
5
.
90
.
15
.
70
0
10
0
26
.
2
3
29
.
2
1
0
.
8
P
K
39
8
.
80
3
.
1
10
.
10
.
80
50
0
10
.
0
2
20
.
5
1
A
0
.
8
P
K
39
8
.
83
2
.
0
10
.
10
.
80
50
0
16
.
0
2
26
.
3
1
5
.
8
P
K
34
4
.
92
9
.
1
10
.
15
.
85
20
58
.
8
8
19
.
5
1
A
5
.
8
P
K
34
4
.
92
8
.
0
10
.
15
.
85
20
54
.
8
0
24
.
4
1
0
.
9
P
K
30
.
0
16
.
2
10
.
10
.
90
10
24
.
7
7
19
.
6
1
A
0
.
9
P
K
30
.
0
15
.
1
10
.
10
.
90
10
28
.
4
9
14
.
5
1
0
1
P
K
31
.
1
11
.
4
10
.
10
.
0
15
5
6
.
9
5
18
.
8
1
A
0
1
P
K
31
.
1
18
.
2
10
.
10
.
0
15
5
4
.
6
7
10
.
7
1
1
1
P
K
32
.
2
14
.
5
10
.
10
.
1
15
5
2
.
9
4
11
.
0
2
A
1
1
P
K
32
.
2
10
.
4
10
.
10
.
1
15
5
8
8
.
4
8
12
.
8
1
2
1
P
K
33
.
3
19
.
6
10
.
10
.
2
15
5
4
.
6
3
10
.
2
2
A
2
1
P
K
33
.
3
13
.
5
10
.
10
.
2
15
5
6
.
0
5
19
.
9
1
3
1
P
K
34
.
4
12
.
8
10
.
10
.
3
15
5
0
.
6
2
18
.
3
2
A
3
1
P
K
34
.
4
15
.
6
10
.
10
.
3
15
5
4
.
9
3
15
.
1
2
4
1
P
K
36
.
5
18
.
9
10
.
10
.
4
15
5
2
.
6
1
18
.
5
2
A
4
1
P
K
36
.
5
19
.
7
10
.
10
.
4
15
5
4
.
9
2
12
.
3
2
5
1
P
K
37
.
6
11
.
1
20
.
10
.
5
15
5
6
.
1
1
19
.
6
2
A
5
1
P
K
37
.
6
12
.
9
10
.
10
.
5
15
5
0
.
3
2
14
.
4
2
6
1
P
K
38
.
7
16
.
2
20
.
10
.
6
15
5
2
.
4
0
18
.
8
2
A
6
1
P
K
38
.
7
15
.
0
20
.
10
.
6
15
5
4
.
5
1
10
.
6
2
7
1
P
K
39
.
8
19
.
3
20
.
10
.
7
15
5
4
.
8
95
.
0
3
A
7
1
P
K
39
.
8
17
.
1
20
.
10
.
7
15
5
6
.
6
0
16
.
7
2
8
1
P
K
30
.
0
23
.
5
20
.
10
.
8
15
5
2
.
3
92
.
2
3
A
8
1
P
K
30
.
0
23
.
3
20
.
10
.
8
15
5
8
.
2
0
12
.
9
2
0
2
P
K
32
.
2
21
.
8
20
.
10
.
0
25
58
.
3
88
.
5
3
A
0
2
P
K
32
.
2
25
.
5
20
.
10
.
0
25
56
.
2
94
.
2
3
2
2
P
K
34
.
4
29
.
0
30
.
10
.
2
25
52
.
6
74
.
9
3
A
2
2
P
K
34
.
4
20
.
8
20
.
10
.
2
25
54
.
4
85
.
5
3
4
2
P
K
37
.
6
28
.
3
30
.
10
.
4
25
58
.
9
60
.
3
4
A
4
2
P
K
37
.
6
27
.
0
30
.
10
.
4
25
52
.
7
79
.
8
3
6
2
P
K
39
.
8
26
.
6
30
.
10
.
6
25
54
.
4
66
.
6
4
A
6
2
P
K
39
.
8
22
.
3
30
.
10
.
6
25
52
.
1
71
.
2
4
8
2
P
K
31
.
1
34
.
9
30
.
10
.
8
25
50
.
0
60
.
0
5
A
8
2
P
K
31
.
1
38
.
5
30
.
10
.
8
25
50
.
6
64
.
5
4
0
3
P
K
33
.
3
32
.
2
40
.
10
.
0
35
50
.
6
55
.
3
5
A
0
3
P
K
33
.
3
33
.
8
30
.
10
.
0
35
50
.
2
64
.
8
4


Similar Part No. - 3KP7.5

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP7.5 PANJIT-3KP7.5 Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
3KP7.5 PANJIT-3KP7.5 Datasheet
109Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 3000 Watts
logo
Surge Components
3KP7.5 SURGE-3KP7.5 Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Goodwork Semiconductor ...
3KP7.5 GWSEMI-3KP7.5 Datasheet
189Kb / 4P
   3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Won-Top Electronics
3KP7.5 WTE-3KP7.5 Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 3KP7.5

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
First Silicon Co., Ltd
SMDJXX FS-SMDJXX Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
5KP250CA GOOD-ARK-5KP250CA Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0_15 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
5KP5.0 GOOD-ARK-5KP5.0 Datasheet
187Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 5000W Stand-off Voltage 5.0 to 250V
SA5.0 GOOD-ARK-SA5.0_15 Datasheet
410Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 500W Stand Off Voltage 5.0 to 180V
SMCJ5.0 GOOD-ARK-SMCJ5.0_15 Datasheet
204Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Stand-off Voltage 5.0 to 440V
logo
Nanjing International G...
F2TVS5.0A DGNJDZ-F2TVS5.0A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com