Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTD1898 Datasheet(PDF) 4 Page - Weitron Technology

Part # KTD1898
Description  Epitaxial Planar NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KTD1898 Datasheet(HTML) 4 Page - Weitron Technology

  KTD1898 Datasheet HTML 1Page - Weitron Technology KTD1898 Datasheet HTML 2Page - Weitron Technology KTD1898 Datasheet HTML 3Page - Weitron Technology KTD1898 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
http://www.weitron.com.tw
KTD1898
Dim
A
B
C
D
E
G
H
J
K
L
Min
1.400
0.320
0.360
0.350
4.400
1.400
2.300
3.940
2.900
Max
SOT-89
SOT-89 Outline Dimensions
unit:mm
B
A
H
E
J
K
G
D
C
L
1.600
0.520
0.560
0.440
4.600
1.800
2.600
4.250
3.100
1.500TYP


Similar Part No. - KTD1898

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1898 KEC-KTD1898 Datasheet
118Kb / 1P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTD1898 KEC-KTD1898 Datasheet
402Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
KTD1898 HTSEMI-KTD1898 Datasheet
505Kb / 1P
   TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
KTD1898 WINNERJOIN-KTD1898 Datasheet
127Kb / 1P
   NPN TRANSISTOR
logo
SeCoS Halbleitertechnol...
KTD1898 SECOS-KTD1898 Datasheet
77Kb / 1P
   1A , 100V NPN Plastic Encapsulated Transistor
More results

Similar Description - KTD1898

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD1664 WEITRON-2SD1664 Datasheet
278Kb / 5P
   NPN Epitaxial Planar Transistors
2SD669 WEITRON-2SD669 Datasheet
245Kb / 5P
   NPN Epitaxial Planar Transistors
2SD2150 WEITRON-2SD2150 Datasheet
216Kb / 4P
   NPN Epitaxial Planar Transistors
LB123T WEITRON-LB123T Datasheet
328Kb / 4P
   NPN Epitaxial Planar Transistors
2SD1898 WEITRON-2SD1898 Datasheet
112Kb / 4P
   Epitaxial Planar NPN Transistors
logo
Micro Commercial Compon...
KTC3876-Y MCC-KTC3876-Y Datasheet
778Kb / 2P
   Epitaxial Planar NPN Transistors
logo
Weitron Technology
WTM2222A WEITRON-WTM2222A Datasheet
193Kb / 4P
   NPN Epitaxial Planar Transistors
BD233 WEITRON-BD233 Datasheet
180Kb / 3P
   NPN Epitaxial Planar Transistors
KTA1664 WEITRON-KTA1664 Datasheet
114Kb / 3P
   NPN Epitaxial Planar Transistors
logo
Micro Commercial Compon...
KTC3875-Y MCC-KTC3875-Y Datasheet
924Kb / 3P
   Epitaxial Planar NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com