Selected language     English  ā–¼


KTD1898 Datasheet(PDF) 1 Page - Weitron Technology

Part No. KTD1898
Description  Epitaxial Planar NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

   
 1 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Symbol
Limits
Unit
Rating
Symbol
Parameter
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage(Ic=1mA)
Collector-Base Breakdown Voltage(Ic=100uA)
Emitter-Base Breakdown Voltage(I =100uA)
Collector Cutoff Current(V =80V)
Emitter Cutoff Current(V =4V)
CEO
CBO
EBO
ICBO
IEBO
KTD1898
Tstg
P
WEITRON
http://www.weitron.com.tw
Epitaxial Planar NPN Transistors
(Ta=25
)
100
80
5
1
2
0.5
Collector Power Dissipation
I
I
A(DC)
W
Junction Temperature,
T ,j
150,
Storage Temperature
-55 to +150
C
CP
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
SOT-89
C
C
Collector Current
C
VCBO
VCEO
VEBO
A (Pulse)*
Vdc
Vdc
Vdc
* Single pulse Pw = 20ms
BV
BV
BV
100
80
5
-
-
-
-
-
1
1
-
-
-
-
-
V
V
V
uA
uA
%
(Ta=25
unless otherwise noted )
C
E
CB
EB




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl