Selected language     English  ā–¼


KTD1898 Datasheet(PDF) 2 Page - Weitron Technology

Part No. KTD1898
Description  Epitaxial Planar NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEITRON [Weitron Technology]
Homepage  http://www.weitron.com.tw
Logo 

   
 2 page
background image
WEITRON
http://www.weitron.com.tw
CLASSIFICATION OF h
ELECTRICAL CHARACTERISTIC CURVES
FE
Rank
O
Y
Range
Marking
ZO
ZY
70-140
120-240
GR
ZG
200-400
KTD1898
ELECTRICAL CHARACTERISTICS
%
(Ta=25
unless otherwise noted )
C
(Countinued)
Symbol
Parameter
Min
Typ
Max
Unit
Collector-Emitter Saturation Voltage (Ic=500mA, I =20mA)
DC Current Gain (V =3V, Ic=500mA)
Transition Frequency (V =10V, Ic=50mA, f=100MHz)
Output Capacitance (V =10V, I =0A, f=1MHz)
FE
CE(sat)
T
Cob
f
h
V
70
-
-
-
400
-
-
-
-
0.4
100
20
-
MHz
pF
V
CE
B
CE
CB
E
0.1
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
B AS E T O E MIT T E R V OLT AG E : V BE
(V )
FIG.1 Grounded Emitter Propagation
Characteristics
1000
100
10
1
T a=25
Ā°C
V CE =5V
2
4
0
8
10
6
C OLLE C T OR T O E MIT T E R V OLT AG E : V CE (
V )
FIG.2 Grounded Emitter Output
Characteristics
1.0
0
0.8
0.6
0.4
0.2
6mA
5mA
4mA
3mA
2mA
1mA
IB=0mA
T a=25
Ā°C




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl