Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6297 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # 1N6297
Description  Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N6297 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  1N6297 Datasheet HTML 1Page - GOOD-ARK Electronics 1N6297 Datasheet HTML 2Page - GOOD-ARK Electronics 1N6297 Datasheet HTML 3Page - GOOD-ARK Electronics 1N6297 Datasheet HTML 4Page - GOOD-ARK Electronics 1N6297 Datasheet HTML 5Page - GOOD-ARK Electronics 1N6297 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
594
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
C
E
D
E
J
r
e
b
m
u
n
e
p
y
T
k
r
A
-
d
o
o
G
r
e
b
m
u
n
t
r
a
P
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
4
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
7
6
2
6
N
18
.
6
E
K
5
.
12
1
.
68
4
.
70
10
5
.
50
0
0
19
3
18
.
0
17
5
0
.
0
A
7
6
2
6
N
1A
8
.
6
E
K
5
.
15
4
.
64
1
.
70
10
8
.
50
0
0
13
4
15
.
0
17
5
0
.
0
8
6
2
6
N
15
.
7
E
K
5
.
15
7
.
65
2
.
80
15
0
.
60
0
58
2
17
.
1
11
6
0
.
0
A
8
6
2
6
N
1A
5
.
7
E
K
5
.
13
1
.
78
8
.
70
10
4
.
60
0
53
3
13
.
1
11
6
0
.
0
9
6
2
6
N
12
.
8
E
K
5
.
18
3
.
72
0
.
90
13
6
.
60
0
20
2
15
.
2
15
6
0
.
0
A
9
6
2
6
N
1A
2
.
8
E
K
5
.
19
7
.
71
6
.
80
12
0
.
70
0
24
2
11
.
2
15
6
0
.
0
0
7
2
6
N
11
.
9
E
K
5
.
19
1
.
80
.
0
10
.
17
3
.
70
59
0
18
.
3
18
6
0
.
0
A
0
7
2
6
N
1A
1
.
9
E
K
5
.
15
6
.
85
5
.
90
.
18
7
.
70
52
1
14
.
3
18
6
0
.
0
1
7
2
6
N
10
1
E
K
5
.
10
0
.
90
.
1
10
.
10
1
.
80
10
0
10
.
5
13
7
0
.
0
A
1
7
2
6
N
1A
0
1
E
K
5
.
10
5
.
95
.
0
10
.
15
5
.
80
13
0
15
.
4
13
7
0
.
0
2
7
2
6
N
11
1
E
K
5
.
10
9
.
91
.
2
10
.
12
9
.
80
.
56
.
2
92
.
6
15
7
0
.
0
A
2
7
2
6
N
1A
1
1
E
K
5
.
15
.
0
16
.
1
10
.
10
4
.
90
.
52
.
6
96
.
5
15
7
0
.
0
3
7
2
6
N
12
1
E
K
5
.
18
.
0
12
.
3
10
.
12
7
.
90
.
57
.
6
83
.
7
16
7
0
.
0
A
3
7
2
6
N
1A
2
1
E
K
5
.
14
.
1
16
.
2
10
.
12
.
0
10
.
58
.
9
87
.
6
18
7
0
.
0
4
7
2
6
N
13
1
E
K
5
.
17
.
1
13
.
4
10
.
15
.
0
10
.
59
.
8
70
.
9
11
8
0
.
0
A
4
7
2
6
N
1A
3
1
E
K
5
.
14
.
2
17
.
3
10
.
11
.
1
10
.
54
.
2
82
.
8
11
8
0
.
0
5
7
2
6
N
15
1
E
K
5
.
15
.
3
15
.
6
10
.
11
.
2
10
.
12
.
8
60
.
2
24
8
0
.
0
A
5
7
2
6
N
1A
5
1
E
K
5
.
13
.
4
18
.
5
10
.
18
.
2
10
.
18
.
0
72
.
1
24
8
0
.
0
6
7
2
6
N
16
1
E
K
5
.
14
.
4
16
.
7
10
.
19
.
2
10
.
18
.
3
65
.
3
26
8
0
.
0
A
6
7
2
6
N
1A
6
1
E
K
5
.
12
.
5
18
.
6
10
.
16
.
3
10
.
17
.
6
65
.
2
26
8
0
.
0
7
7
2
6
N
18
1
E
K
5
.
12
.
6
18
.
9
10
.
15
.
4
10
.
16
.
6
55
.
6
28
8
0
.
0
A
7
7
2
6
N
1A
8
1
E
K
5
.
11
.
7
19
.
8
10
.
13
.
5
10
.
15
.
9
52
.
5
28
8
0
.
0
8
7
2
6
N
10
2
E
K
5
.
10
.
8
10
.
2
20
.
12
.
6
10
.
15
.
1
51
.
9
20
9
0
.
0
A
8
7
2
6
N
1A
0
2
E
K
5
.
10
.
9
10
.
1
20
.
11
.
7
10
.
12
.
4
57
.
7
20
9
0
.
0
9
7
2
6
N
12
2
E
K
5
.
18
.
9
12
.
4
20
.
18
.
7
10
.
10
.
7
49
.
1
32
9
0
.
0
A
9
7
2
6
N
1A
2
2
E
K
5
.
19
.
0
21
.
3
20
.
18
.
8
10
.
10
.
9
46
.
0
32
9
0
.
0
0
8
2
6
N
14
2
E
K
5
.
16
.
1
24
.
6
20
.
14
.
9
10
.
12
.
3
47
.
4
34
9
0
.
0
A
0
8
2
6
N
1A
4
2
E
K
5
.
18
.
2
22
.
5
20
.
15
.
0
20
.
12
.
5
42
.
3
34
9
0
.
0
1
8
2
6
N
17
2
E
K
5
.
13
.
4
27
.
9
20
.
18
.
1
20
.
14
.
8
31
.
9
36
9
0
.
0
A
1
8
2
6
N
1A
7
2
E
K
5
.
17
.
5
24
.
8
20
.
11
.
3
20
.
10
.
0
45
.
7
36
9
0
.
0
2
8
2
6
N
10
3
E
K
5
.
10
.
7
20
.
3
30
.
13
.
4
20
.
15
.
4
35
.
3
47
9
0
.
0
A
2
8
2
6
N
1A
0
3
E
K
5
.
15
.
8
25
.
1
30
.
16
.
5
20
.
12
.
6
34
.
1
47
9
0
.
0
3
8
2
6
N
13
3
E
K
5
.
17
.
9
23
.
6
30
.
18
.
6
20
.
14
.
1
37
.
7
48
9
0
.
0
A
3
8
2
6
N
1A
3
3
E
K
5
.
14
.
1
37
.
4
30
.
12
.
8
20
.
18
.
2
37
.
5
48
9
0
.
0
4
8
2
6
N
16
3
E
K
5
.
14
.
2
36
.
9
30
.
11
.
9
20
.
18
.
8
20
.
2
59
9
0
.
0
A
4
8
2
6
N
1A
6
3
E
K
5
.
12
.
4
38
.
7
30
.
18
.
0
30
.
11
.
0
39
.
9
49
9
0
.
0
5
8
2
6
N
19
3
E
K
5
.
11
.
5
39
.
2
40
.
16
.
1
30
.
16
.
6
24
.
6
50
0
1
.
0
A
5
8
2
6
N
1A
9
3
E
K
5
.
11
.
7
30
.
1
40
.
13
.
3
30
.
18
.
7
29
.
3
50
0
1
.
0
6
8
2
6
N
13
4
E
K
5
.
17
.
8
33
.
7
40
.
18
.
4
30
.
12
.
4
29
.
1
61
0
1
.
0
A
6
8
2
6
N
1A
3
4
E
K
5
.
19
.
0
42
.
5
40
.
18
.
6
30
.
13
.
5
23
.
9
51
0
1
.
0
7
8
2
6
N
17
4
E
K
5
.
13
.
2
47
.
1
50
.
11
.
8
30
.
11
.
2
28
.
7
61
0
1
.
0
A
7
8
2
6
N
1A
7
4
E
K
5
.
17
.
4
44
.
9
40
.
12
.
0
40
.
11
.
3
28
.
4
61
0
1
.
0
8
8
2
6
N
11
5
E
K
5
.
19
.
5
41
.
6
50
.
13
.
1
40
.
14
.
0
25
.
3
72
0
1
.
0
A
8
8
2
6
N
1A
1
5
E
K
5
.
15
.
8
46
.
3
50
.
16
.
3
40
.
14
.
1
21
.
0
72
0
1
.
0
9
8
2
6
N
16
5
E
K
5
.
14
.
0
56
.
1
60
.
14
.
5
40
.
16
.
8
15
.
0
83
0
1
.
0
A
9
8
2
6
N
1A
6
5
E
K
5
.
12
.
3
58
.
8
50
.
18
.
7
40
.
15
.
9
10
.
7
73
0
1
.
0


Similar Part No. - 1N6297

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6297 TRSYS-1N6297 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6297 VISHAY-1N6297 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
First Silicon Co., Ltd
1N6297 FS-1N6297 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
logo
Dc Components
1N6297 DCCOM-1N6297 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6297 CHONGQING-1N6297 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1N6297

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com