Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJP122 Datasheet(PDF) 3 Page - Weitron Technology

Part # MJP122
Description  NPN PLASTIC ENCAPSULATE TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MJP122 Datasheet(HTML) 3 Page - Weitron Technology

  MJP122 Datasheet HTML 1Page - Weitron Technology MJP122 Datasheet HTML 2Page - Weitron Technology MJP122 Datasheet HTML 3Page - Weitron Technology MJP122 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJP122
WEITRON
http://www.weitron.com.tw
3/4
13-Apr-07
Typical Characteristics


Similar Part No. - MJP122

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MJP36350 SCHNEIDER-MJP36350 Datasheet
90Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 350A, 3 pole, 25 kA, 600 VAC, lugs off end
MJP36400 SCHNEIDER-MJP36400 Datasheet
66Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 400A, 3 pole, 25 kA, 600 VAC, lugs load end
MJP36600 SCHNEIDER-MJP36600 Datasheet
155Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 25 kA, 600 VAC, lugs off end
MJP36800 SCHNEIDER-MJP36800 Datasheet
157Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 25 kA, 600 VAC, lugs off end
MJP36800E10 SCHNEIDER-MJP36800E10 Datasheet
138Kb / 2P
   Circuit breaker, PowerPact M, adj trip, unit mount, 300A-800A, 2 pole, 25 kA, 600 V, lugs off
More results

Similar Description - MJP122

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com