Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10150CT Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # MBR10150CT
Description  Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MBR10150CT Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  MBR10150CT Datasheet HTML 1Page - GOOD-ARK Electronics MBR10150CT Datasheet HTML 2Page - GOOD-ARK Electronics MBR10150CT Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Guardring for overvoltage protection
Low power loss, high efficiency
Low forward voltage drop
High frequency operation
Solder Dip 260 °C, 40 seconds
For use in high frequency inverters, free wheeling and polarity
protection applications
Case: TO-220AB, ITO-220AB Epoxy meets UL-94V-0
Flammability rating
Terminals: Matte Tin plated (E3 Suffix) leads, solderable per
J-STD-002B and JESD22-B102D
Mounting Torque: 10 in-lbs maximum
Polarity: As marked
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
360
T
C
0
5
1
0
1
F
R
B
M
,
T
C
0
5
1
0
1
R
B
M
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
e
g
a
t
l
o
V
-
h
g
i
H
e
d
o
h
t
a
C
-
n
o
m
m
o
C
l
a
u
D
s
e
r
e
p
m
A
0
.
0
1
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
5
1
e
g
a
t
l
o
V
e
s
r
e
v
e
R
TO-220AB
ITO-220AB
Dimensions in millimeters


Similar Part No. - MBR10150CT

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MBR10150CT SY-MBR10150CT Datasheet
306Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
MBR10150CT MCC-MBR10150CT Datasheet
650Kb / 3P
   10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
logo
Taiwan Semiconductor Co...
MBR10150CT TSC-MBR10150CT Datasheet
196Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBR10150CT SAMYANG-MBR10150CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jiangsu Changjiang Elec...
MBR10150CT JIANGSU-MBR10150CT Datasheet
338Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR10150CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MBR30150CT GOOD-ARK-MBR30150CT Datasheet
200Kb / 3P
   Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
   Schottky Barrier Rectifiers - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
113Kb / 2P
   Schottky Barrier Rectifiers - Common Cathode
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
SS10P3CL VISHAY-SS10P3CL_15 Datasheet
100Kb / 6P
   Dual Common Cathode Schottky Rectifiers
Revision: 14-Aug-13
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Thinki Semiconductor Co...
MBR3035PT THINKISEMI-MBR3035PT Datasheet
591Kb / 2P
   30.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
SB20100CT THINKISEMI-SB20100CT Datasheet
340Kb / 2P
   20.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
FCH20A045 THINKISEMI-FCH20A045 Datasheet
1Mb / 2P
   20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
MBR2045FCT THINKISEMI-MBR2045FCT Datasheet
863Kb / 2P
   20.0 Ampere Insulated Dual Common Cathode Schottky Barrier Rectifiers
Rev.13T
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com