Electronic Components Datasheet Search |
|
MKBPC10005 Datasheet(PDF) 1 Page - GOOD-ARK Electronics |
|
MKBPC10005 Datasheet(HTML) 1 Page - GOOD-ARK Electronics |
1 / 2 page FEATURES ●Surge overload -240~500 Amperes peak ● Low forward voltage drop ● Mounting Position : Any ● Electrically isolated base -2000 Volts ● Solderable 0.25" FASTON terminals ● Materials used carries U/L recognition Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Resistive or inductive load 60Hz. For capacitive load current by 20% MKBPC MKBPC MKBPC MKBPC MKBPC MKBPC MKBPC 10005 1001 1002 1004 1006 1008 1010 15005 1501 1502 1504 1506 1508 1510 25005 2501 2502 2504 2506 2508 2510 35005 3501 3502 3504 3506 3508 3510 50005 5001 5002 5004 5006 5008 5010 Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Bridge Input Voltage VRMS 35 70 140 280 420 560 700 V Maximum Average Forward Rectified Output Current @TC=55℃ Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Element at 5.0/7.5/12.5/17.5/25.0A Peak Maximum Reverse Current at Rated DC Blocking Voltage Per Element @TA=25℃ Operating Temperature Range TJ ℃ Storage Temperature Range TSTG ℃ MKBPC10/15/25/35/50A SERIES SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE - 50 to 1000Volts FORWARD CURRENT - 10/15/25/35/50 Amperes UNIT SYMBOL CHARACTERISTICS I(AV) ~ ~ -55 to +125 -55 to +125 NOTES:Also available on KBPC 10W/15W/25W/35W/50W series. IR μA 1.1 10 A A V IFSM VF MKBPC M KBPC 10 10 15 25 35 50 240 300 400 400 500 M KBPC 15 M KBPC 25 M KBPC 35 M KBPC 50 (2.4) 0.94 diam Hole for No.8 screw 193"(4.9)diam .335(8.5) .295(7.5) .242(6.15) .254(6.45) .035(0.9) .028(0.7) 1.114(28.3) 1.133(28.8) .661(16.8) .648(16.4) .555(14.1) .571(14.5) .705(17.9) .720(18.3) .648(16.4) .661(16.8) 1.133(28.8) 1.114(28.3) .882(22.4) .921(23.4) |
Similar Part No. - MKBPC10005 |
|
Similar Description - MKBPC10005 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |