Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55-C33 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # BZX55-C33
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZX55-C33 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  BZX55-C33 Datasheet HTML 1Page - GOOD-ARK Electronics BZX55-C33 Datasheet HTML 2Page - GOOD-ARK Electronics BZX55-C33 Datasheet HTML 3Page - GOOD-ARK Electronics BZX55-C33 Datasheet HTML 4Page - GOOD-ARK Electronics BZX55-C33 Datasheet HTML 5Page - GOOD-ARK Electronics BZX55-C33 Datasheet HTML 6Page - GOOD-ARK Electronics BZX55-C33 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
494
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted) Maximum V
F=1.0V at IF=100mA
e
p
y
T
r
e
b
m
u
n
r
o
f
C
=
y
+
%
5
r
o
f
B
=
y
+
%
2
e
c
n
a
t
s
i
s
e
r
c
i
m
a
n
y
D
r
e
n
e
z
f
o
t
n
e
i
c
i
f
f
e
o
c
.
p
m
e
T
I
t
a
e
g
a
t
l
o
v
Z
A
m
5
=
α
αααα
/
%
(
z
v
o
)
C
t
n
e
r
r
u
c
e
g
a
k
a
e
l
e
s
r
e
v
e
R
e
l
b
i
s
s
i
m
d
A
r
e
n
e
z
t
n
e
r
r
u
c
)
2
(
I
M
Z
)
A
m
(
I
t
a
Z
A
m
5
=
z
H
k
1
=
f
r
j
z (Ω
Ω)
I
t
a
Z
A
m
1
=
z
H
k
1
=
f
r
j
z (Ω
Ω).
n
i
M.
x
a
M
t
a
T
b
m
a
5
2
=
oC
I
R (n
)
A
t
a
T
b
m
a
0
5
1
=
oC
I
R (u
)
A
t
a
V
R
)
s
t
l
o
V
(
8
V
0
y
-
5
5
X
Z
B
)
3
(
8
<0
0
6
<5
2
.
0
-
----
-
4
V
2
y
-
5
5
X
Z
B5
8
<0
0
6
<8
0
.
0
-6
0
.
0
-0
0
0
0
5
<0
0
1
<1
5
4
1
7
V
2
y
-
5
5
X
Z
B5
8
<0
0
6
<8
0
.
0
-6
0
.
0
-0
0
0
0
1
<0
5
<1
5
3
1
0
V
3
y
-
5
5
X
Z
B5
8
<0
0
6
<8
0
.
0
-6
0
.
0
-0
0
0
4
<0
4
<1
5
2
1
3
V
3
y
-
5
5
X
Z
B5
8
<0
0
6
<8
0
.
0
-5
0
.
0
-0
0
0
2
<0
4
<1
5
1
1
6
V
3
y
-
5
5
X
Z
B5
8
<0
0
6
<8
0
.
0
-4
0
.
0
-0
0
0
2
<0
4
<1
5
0
1
9
V
3
y
-
5
5
X
Z
B5
8
<0
0
6
<7
0
.
0
-3
0
.
0
-0
0
0
2
<0
4
<1
5
9
3
V
4
y
-
5
5
X
Z
B5
7
<0
0
6
<4
0
.
0
-1
0
.
0
-0
0
0
1
<0
2
<1
0
9
7
V
4
y
-
5
5
X
Z
B0
6
<0
0
6
<3
0
.
0
-1
0
.
0
+0
0
5
<0
1
<1
5
8
1
V
5
y
-
5
5
X
Z
B5
3
<0
5
5
<2
0
.
0
-5
0
.
0
+0
0
1
<2
<1
0
8
6
V
5
y
-
5
5
X
Z
B5
2
<0
5
4
<1
0
.
0
-6
0
.
0
+0
0
1
<2
<1
0
7
2
V
6
y
-
5
5
X
Z
B0
1
<0
0
2
<0
7
0
.
0
+0
0
1
<2
<2
4
6
8
V
6
y
-
5
5
X
Z
B8
<0
5
1
<1
0
.
0
+8
0
.
0
+0
0
1
<2
<3
8
5
5
V
7
y
-
5
5
X
Z
B7
<0
5
<1
0
.
0
+9
0
.
0
+0
0
1
<2
<5
3
5
2
V
8
y
-
5
5
X
Z
B7
<0
5
<1
0
.
0
+9
0
.
0
+0
0
1
<2
<2
.
67
4
1
V
9
y
-
5
5
X
Z
B0
1
<0
5
<2
0
.
0
+0
1
.
0
+0
0
1
<2
<8
.
63
4
0
1
y
-
5
5
X
Z
B5
1
<0
7
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<5
.
70
4
1
1
y
-
5
5
X
Z
B0
2
<0
7
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<2
.
86
3
2
1
y
-
5
5
X
Z
B0
2
<0
9
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<1
.
92
3
3
1
y
-
5
5
X
Z
B6
2
<0
1
1
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<0
19
2
5
1
y
-
5
5
X
Z
B0
3
<0
1
1
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<1
17
2
6
1
y
-
5
5
X
Z
B0
4
<0
7
1
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<2
14
2
8
1
y
-
5
5
X
Z
B0
5
<0
7
1
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<3
11
2
0
2
y
-
5
5
X
Z
B5
5
<0
2
2
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<5
10
2
2
2
y
-
5
5
X
Z
B5
5
<0
2
2
<3
0
.
0
+1
1
.
0
+0
0
1
<2
<6
18
1
4
2
y
-
5
5
X
Z
B0
8
<0
2
2
<4
0
.
0
+2
1
.
0
+0
0
1
<2
<8
16
1
7
2
y
-
5
5
X
Z
B0
8
<0
2
2
<4
0
.
0
+2
1
.
0
+0
0
1
<2
<0
24
1
0
3
y
-
5
5
X
Z
B0
8
<0
2
2
<4
0
.
0
+2
1
.
0
+0
0
1
<2
<2
23
1
3
3
y
-
5
5
X
Z
B0
8
<0
2
2
<4
0
.
0
+2
1
.
0
+0
0
1
<2
<4
22
1
6
3
y
-
5
5
X
Z
B0
8
<0
2
2
<4
0
.
0
+2
1
.
0
+0
0
1
<2
<7
21
1
9
3
y
-
5
5
X
Z
B0
9
<
)
4
(
0
0
5
<
)
5
(
4
0
.
0
+2
1
.
0
+0
0
1
<5
<0
30
1
3
4
y
-
5
5
X
Z
B0
9
<
)
4
(
0
0
6
<
)
5
(
4
0
.
0
+2
1
.
0
+0
0
1
<5
<3
32
.
9
7
4
y
-
5
5
X
Z
B0
1
1
<
)
4
(
0
0
7
<
)
5
(
4
0
.
0
+2
1
.
0
+0
0
1
<5
<6
35
.
8
1
5
y
-
5
5
X
Z
B5
2
1
<
)
4
(
0
0
7
<
)
5
(
4
0
.
0
+2
1
.
0
+0
0
1
<0
1
<9
38
.
7
6
5
y
-
5
5
X
Z
B5
3
1
<
)
4
(
0
0
0
1
<
)
5
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<3
40
.
7
2
6
y
-
5
5
X
Z
B0
5
1
<
)
4
(
0
0
0
1
<
)
5
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<7
44
.
6
8
6
y
-
5
5
X
Z
B0
0
2
<
)
4
(
0
0
0
1
<
)
5
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<1
59
.
5
5
7
y
-
5
5
X
Z
B0
5
2
<
)
4
(
0
0
5
1
<
)
5
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<6
53
.
5
2
8
y
-
5
5
X
Z
B0
0
3
<
)
4
(
0
0
0
2
<
)
5
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<2
68
.
4
1
9
y
-
5
5
X
Z
B0
5
4
<
)
6
(
0
0
0
5
<
)
7
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<8
64
.
4
0
0
1
y
-
5
5
X
Z
B0
5
4
<
)
6
(
0
0
0
5
<
)
7
(
1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<5
70
.
4
0
1
1
y
-
5
5
X
Z
B0
0
6
<0
0
0
5
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<2
8-
0
2
1
y
-
5
5
X
Z
B0
0
8
<0
0
5
5
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<1
9-
0
3
1
y
-
5
5
X
Z
B0
5
9
<0
0
0
6
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<0
0
1-
0
5
1
y
-
5
5
X
Z
B0
5
2
1
<0
0
5
6
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<0
1
1-
0
6
1
y
-
5
5
X
Z
B0
0
4
1
<0
0
0
7
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<0
2
1-
0
8
1
y
-
5
5
X
Z
B0
0
7
1
<0
0
5
8
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<0
3
1-
0
0
2
y
-
5
5
X
Z
B0
0
0
2
<0
0
0
0
1
<1
.
0
+
.
p
y
t
)
4
(
0
0
1
<0
1
<0
5
1-
Notes:
1. Tested with pulses t
p=5 ms
2. Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case
3. The BZX55 - C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z". Connect the
cathode lead to the negative pole.
4. at I
Z=2.5 mA
5. at I
Z=0.5 mA
6. at I
Z=1.0 mA
7. at I
Z=0.1 mA


Similar Part No. - BZX55-C33

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX55-C33 GE-BZX55-C33 Datasheet
298Kb / 6P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX55-C33 MCC-BZX55-C33 Datasheet
154Kb / 3P
   500 mWatt Zener Diode 2.42 to 47 Volts
logo
Pan Jit International I...
BZX55-C33 PANJIT-BZX55-C33 Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX55-C33 TSC-BZX55-C33 Datasheet
73Kb / 3P
   500mW Zener Diode
logo
New Jersey Semi-Conduct...
BZX55-C33 NJSEMI-BZX55-C33 Datasheet
178Kb / 2P
   ZENER DIODES
More results

Similar Description - BZX55-C33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com