Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKBPC3501 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # MKBPC3501
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MKBPC3501 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  MKBPC3501 Datasheet HTML 1Page - GOOD-ARK Electronics MKBPC3501 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload -240~500 Amperes peak
Low forward voltage drop
Mounting Position : Any
Electrically isolated base -2000 Volts
Solderable 0.25" FASTON terminals
Materials used carries U/L recognition
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Resistive or inductive load 60Hz.
For capacitive load current by 20%
MKBPC MKBPC MKBPC MKBPC MKBPC MKBPC MKBPC
10005
1001
1002
1004
1006
1008
1010
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current @TC=55℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop
Per Element at 5.0/7.5/12.5/17.5/25.0A Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@TA=25℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
MKBPC10/15/25/35/50A SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 10/15/25/35/50 Amperes
UNIT
SYMBOL
CHARACTERISTICS
I(AV)
~
~
-55 to +125
-55 to +125
NOTES:Also available on KBPC 10W/15W/25W/35W/50W series.
IR
μA
1.1
10
A
A
V
IFSM
VF
MKBPC
M
KBPC
10
10
15
25
35
50
240
300
400
400
500
M
KBPC
15
M
KBPC
25
M
KBPC
35
M
KBPC
50
(2.4)
0.94
diam
Hole for
No.8 screw
193"(4.9)diam
.335(8.5)
.295(7.5)
.242(6.15)
.254(6.45)
.035(0.9)
.028(0.7)
1.114(28.3)
1.133(28.8)
.661(16.8)
.648(16.4)
.555(14.1)
.571(14.5)
.705(17.9)
.720(18.3)
.648(16.4)
.661(16.8)
1.133(28.8)
1.114(28.3)
.882(22.4)
.921(23.4)


Similar Part No. - MKBPC3501

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
MKBPC3501 HY-MKBPC3501 Datasheet
441Kb / 3P
   Silicon Bridge Rectifiers
MKBPC3501W HY-MKBPC3501W Datasheet
421Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - MKBPC3501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com