Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTT200A60CU Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # MTT200A60CU
Description  Ultrafast Recovery Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MTT200A60CU Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  MTT200A60CU Datasheet HTML 1Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ultrafast Recovery Modules
Reverse Voltage 600V
Forward Current 200A
Features
Plastic package has Underwriters Labora-
tory Flammability Classification 94V-0
Glass passivated chip junction
Case Style: Twin Tower
Transfer molding
Mechanical Data
Case: Twin Tower Molded plastic body
Terminals: Ni plated leads and base
Typical Applications
General purpose use in ac-to-dc rectification
for Power Supply,Electric Welding,
industrial automation applications
Dimensions in millimeters
Maximum Ratings & Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise
specified.
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
VRRM
V
Maximum average forward rectified(TC=104℃)
IF(AV)
A
Maximum instantaneous forward voltage drop
per leg at 100A
Maximum DC reverse current at
Ta=25℃
rated DC blocking voltage per leg (600v) Ta=125℃
Trr
ns
Max thermal resistance per leg
R?jc
℃/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
— 55to+175
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
1cycle,60Hz,peak,value,non-repetitve
Reverse Recovery time(1/2A,1A,1/4A,TJ=25℃)
V
IR
µA
VF
IFSM
1000
A
0.68
— 55to+175
1.35
300
5000
110
MTT200A60CU
MTT200A60CU
600
2×100


Similar Part No. - MTT200A60CU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
logo
Bel Fuse Inc.
MTT-1000 BEL-MTT-1000 Datasheet
793Kb / 2P
   Solutions for the Heavy Duty Machine Industry
MTT-300 BEL-MTT-300 Datasheet
793Kb / 2P
   Solutions for the Heavy Duty Machine Industry
MTT-650 BEL-MTT-650 Datasheet
793Kb / 2P
   Solutions for the Heavy Duty Machine Industry
logo
Vishay Siliconix
MTT11000FCAGHWS VISHAY-MTT11000FCAGHWS Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
More results

Similar Description - MTT200A60CU

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HU100 MICROSEMI-HU100 Datasheet
215Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010_11 Datasheet
117Kb / 2P
   Ultrafast Recovery Modules
HU20260 MICROSEMI-HU20260_11 Datasheet
128Kb / 2P
   Ultrafast Recovery Modules
UFT150 MICROSEMI-UFT150_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT140 MICROSEMI-UFT140_10 Datasheet
218Kb / 4P
   Ultrafast Recovery Modules
HU20010 MICROSEMI-HU20010 Datasheet
126Kb / 2P
   Ultrafast recovery Modules
UFT70SM MICROSEMI-UFT70SM_10 Datasheet
219Kb / 4P
   Ultrafast Recovery Modules
UFT100 MICROSEMI-UFT100_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT120 MICROSEMI-UFT120_10 Datasheet
217Kb / 4P
   Ultrafast Recovery Modules
UFT210 MICROSEMI-UFT210_10 Datasheet
216Kb / 4P
   Ultrafast Recovery Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com