Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE47 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # 1.5KE47
Description  Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1.5KE47 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  1.5KE47 Datasheet HTML 1Page - GOOD-ARK Electronics 1.5KE47 Datasheet HTML 2Page - GOOD-ARK Electronics 1.5KE47 Datasheet HTML 3Page - GOOD-ARK Electronics 1.5KE47 Datasheet HTML 4Page - GOOD-ARK Electronics 1.5KE47 Datasheet HTML 5Page - GOOD-ARK Electronics 1.5KE47 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
593
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated junction
1500W peak pulse power capabililty on 10/1000us waveform,
repetition rate (duty cycle): 0.05%
Excellent clamping capability
Low incremental surge resistance
Very fast response time
High temperature soldering guaranteed: 265oC/10 seconds,
0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
Includes 1N6267 thru 1N6303A
Case: Molded plastic body over passivated junction
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the color band denotes the
cathode, which is positive with respect to the anode under
normal TVS operation
Mounting Position: Any
Weight: 0.045oz., 1.2g
A
C
0
5
5
E
K
5
.
1
u
r
h
t
8
.
6
E
K
5
.
1
A
3
0
3
6
N
1
u
r
h
t
7
6
2
6
N
1
d
n
a
s
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
V
0
5
5
o
t
8
.
6
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
W
0
0
5
1
r
e
w
o
P
e
s
l
u
P
k
a
e
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
0
0
0
1
/
0
1
a
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
)
1
.
g
i
F
(
P
M
P
P
0
0
5
1
m
u
m
i
n
i
MW
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
t
a
t
s
y
d
a
e
t
S
T
t
a
L
5
7
=
o
)
m
m
5
.
9
(
"
5
7
3
.
0
s
h
t
g
n
e
l
d
a
e
l
,
C
)
2
(
P
)
V
A
(
M
5
.
6W
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
-
i
n
u
)
3
(
I
M
S
F
0
0
2s
p
m
A
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
M
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
i
n
u
r
o
f
A
0
0
1
t
a
)
4
(
V
F
0
.
5
/
5
.
3s
t
l
o
V
d
a
e
l
-
o
t
-
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ L
J
0
2
o
W
/
C
t
n
e
i
b
m
a
-
o
t
-
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TR
θ A
J
5
7
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
5
7
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25
oC per Fig. 2
2. Mounted on copper pad area of 1.6 x 1.6” (40 x 40 mm) per Fig. 5
3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
4. V
F=3.5 V for devices of V(BR)
<220V, and V
F=5.0 Volt max. for devices of V(BR)>220V
Devices for Bidirectional Applications
For bi-directional, use C or CA suffix for types 1.5KE6.8 thru types 1.5KE440
(e.g. 1.5KE6.8C, 1.5KE440CA). Electrical characteristics apply in both directions.


Similar Part No. - 1.5KE47

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE47 TRSYS-1.5KE47 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
1.5KE47 ANOVA-1.5KE47 Datasheet
269Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1.5KE47 NJSEMI-1.5KE47 Datasheet
910Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
1.5KE47 WTE-1.5KE47 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE47 LUGUANG-1.5KE47 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE47

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
1.5KE6.8 GOOD-ARK-1.5KE6.8_15 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
1.5SMC6.8A GOOD-ARK-1.5SMC6.8A_15 Datasheet
236Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
logo
First Silicon Co., Ltd
1.5KE6.8 FS-1.5KE6.8 Datasheet
702Kb / 6P
   Transient Voltage Suppressors Peak Pluse Power 1500W Breakdown Voltage 6.8 to 550V
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
GOOD-ARK Electronics
P4KE6.8 GOOD-ARK-P4KE6.8_15 Datasheet
245Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
1N6303A GOOD-ARK-1N6303A_15 Datasheet
1,022Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 440V
P4SMA6.8A GOOD-ARK-P4SMA6.8A Datasheet
233Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Breakdown Voltage 6.8 to 550V
logo
Rugao Dachang Electroni...
P4KE DACHANG-P4KE Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
P6KE DACHANG-P6KE Datasheet
270Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com