Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68SEC000PB16 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC68SEC000PB16
Description  Addendum to M68000 User Manual
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68SEC000PB16 Datasheet(HTML) 5 Page - Motorola, Inc

  MC68SEC000PB16 Datasheet HTML 1Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 2Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 3Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 4Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 5Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 6Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 7Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 8Page - Motorola, Inc MC68SEC000PB16 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
M68000 USER’S MANUAL ADDENDUM
MOTOROLA
power consumption to its quiescent value1 while maintaining the internal state of the processor. The
low-power mode described below will be routinely tested as part of the MC68SEC000 test vectors provided
by Motorola.
To successfully enter the low-power mode, the MC68SEC000 must first be in the supervisor mode. A
recommended method for entering the low-power mode is to use the TRAP instruction, which causes the
processor to begin exception processing, thus entering the supervisor mode. External circuitry should
accomplish the following steps during the trap routine:
1.
Externally detect a write to the low-power address. You select this address which can be any address
in the 16 Mbyte addressing range of the MC68SEC000. A write to the low-power address can be
detected by polling A23–A0, R/W, and FC2–FC0. When the low-power address is detected, R/W is
a logic low, and the function codes have a five (101) on their output, the processor is writing to the
low-power address in supervisor mode and user-designed circuitry should assert the
ADDRESS_MATCH signal shown in Figure 2 and Figure 3.
Figure 3. MC68SEC000 Low-Power Circuitry for 8-Bit Data Bus
2.
Execute the STOP instruction. The external circuitry shown in Figure 2 and Figure 3 will count the
number of bus cycles starting with the write to the low-power address and will stop the processor
clock on the first falling edge of the system clock after the bus cycle that reads the immediate data
of the STOP instruction. Figure 3 has one more flip-flop than Figure 2 because the MC68SEC000 in
1. The preliminary specification for the MC68SEC000’s current drain while in the low-power mode is Idd < 2
µA for 3.3V operation and
Idd < 5
µA for 5.0V operation.
Figure 2. MC68SEC000 Low-Power Circuitry for 16-Bit Data Bus
D
Q
Q
CL
CK
D
Q
CK
D
Q
CK
ADDRESS_MATCH
AS
RESTART
RESET
CPU_CLK
SYSTEM_CLK
Q
Q
AS
CL
D
Q
Q
CL
CK
D
Q
Q
CL
CK
D
Q
Q
CK
ADDRESS_MATCH
RESTART
RESET
CPU_CLK
D
Q
Q
CL
CK
SYSTEM_CLK
AS
AS
AS


Similar Part No. - MC68SEC000PB16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000 MOTOROLA-MC68SEC000 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
MC68SEC000D MOTOROLA-MC68SEC000D Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
More results

Similar Description - MC68SEC000PB16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68SEC000CFU10 MOTOROLA-MC68SEC000CFU10 Datasheet
249Kb / 26P
   M68000 USERS MANUAL ADDENDUM
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
   User manual
logo
CML Microcircuits
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
   User Manual
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
   User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
   USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
   User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
   M68060 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
   WIZ820io User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
   LPC800 User manual
Rev. 1.0-7 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com