Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE18 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # P6KE18
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P6KE18 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  P6KE18 Datasheet HTML 1Page - GOOD-ARK Electronics P6KE18 Datasheet HTML 2Page - GOOD-ARK Electronics P6KE18 Datasheet HTML 3Page - GOOD-ARK Electronics P6KE18 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
584
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
2
6
E
K
6
P8
.
5
52
.
8
60
.
12
.
0
50
.
17
.
60
.
9
84
0
1
.
0
A
2
6
E
K
6
P9
.
8
51
.
5
60
.
10
.
3
50
.
11
.
70
.
5
84
0
1
.
0
8
6
E
K
6
P2
.
1
68
.
4
70
.
11
.
5
50
.
11
.
60
.
8
94
0
1
.
0
A
8
6
E
K
6
P6
.
4
64
.
1
70
.
11
.
8
50
.
15
.
60
.
2
94
0
1
.
0
5
7
E
K
6
P5
.
7
65
.
2
80
.
17
.
0
60
.
16
.
58
0
15
0
1
.
0
A
5
7
E
K
6
P3
.
1
78
.
8
70
.
11
.
4
60
.
18
.
53
0
15
0
1
.
0
2
8
E
K
6
P8
.
3
72
.
0
90
.
14
.
6
60
.
11
.
58
1
15
0
1
.
0
A
2
8
E
K
6
P9
.
7
71
.
6
80
.
11
.
0
70
.
13
.
53
1
15
0
1
.
0
1
9
E
K
6
P9
.
1
80
0
10
.
17
.
3
70
.
16
.
41
3
16
0
1
.
0
A
1
9
E
K
6
P5
.
6
85
.
5
90
.
18
.
7
70
.
18
.
45
2
16
0
1
.
0
0
0
1
E
K
6
P0
.
0
90
1
10
.
10
.
1
80
.
12
.
44
4
16
0
1
.
0
A
0
0
1
E
K
6
P0
.
5
95
0
10
.
15
.
5
80
.
14
.
47
3
16
0
1
.
0
0
1
1
E
K
6
P0
.
9
91
2
10
.
12
.
9
80
.
18
.
38
5
17
0
1
.
0
A
0
1
1
E
K
6
P5
0
16
1
10
.
10
.
4
90
.
19
.
32
5
17
0
1
.
0
0
2
1
E
K
6
P8
0
12
3
10
.
12
.
7
90
.
15
.
33
7
17
0
1
.
0
A
0
2
1
E
K
6
P4
1
16
2
10
.
12
0
10
.
16
.
35
6
17
0
1
.
0
0
3
1
E
K
6
P7
1
13
4
10
.
15
0
10
.
12
.
37
8
17
0
1
.
0
A
0
3
1
E
K
6
P4
2
17
3
10
.
11
1
10
.
14
.
39
7
17
0
1
.
0
0
5
1
E
K
6
P5
3
15
6
10
.
11
2
10
.
18
.
25
1
28
0
1
.
0
A
0
5
1
E
K
6
P3
4
18
5
10
.
18
2
10
.
19
.
27
0
28
0
1
.
0
0
6
1
E
K
6
P4
4
16
7
10
.
10
3
10
.
16
.
20
3
28
0
1
.
0
A
0
6
1
E
K
6
P2
5
18
6
10
.
16
3
10
.
17
.
29
1
28
0
1
.
0
0
7
1
E
K
6
P3
5
17
8
10
.
18
3
10
.
15
.
24
4
28
0
1
.
0
A
0
7
1
E
K
6
P2
6
19
7
10
.
15
4
10
.
16
.
24
3
28
0
1
.
0
0
8
1
E
K
6
P2
6
18
9
10
.
16
4
10
.
13
.
28
5
28
0
1
.
0
A
0
8
1
E
K
6
P1
7
19
8
10
.
14
5
10
.
14
.
26
4
28
0
1
.
0
0
0
2
E
K
6
P0
8
10
2
20
.
12
6
10
.
11
.
27
8
28
0
1
.
0
A
0
0
2
E
K
6
P0
9
10
1
20
.
11
7
10
.
12
.
24
7
28
0
1
.
0
0
2
2
E
K
6
P8
9
12
4
20
.
15
7
10
.
17
.
14
4
38
0
1
.
0
A
0
2
2
E
K
6
P9
0
21
3
20
.
15
8
10
.
18
.
18
2
38
0
1
.
0
0
5
2
E
K
6
P5
2
25
7
20
.
12
0
20
.
17
.
10
6
30
1
1
.
0
A
0
5
2
E
K
6
P7
3
23
6
20
.
14
1
20
.
17
.
14
4
30
1
1
.
0
0
0
3
E
K
6
P0
7
20
3
30
.
13
4
20
.
14
.
10
3
40
1
1
.
0
A
0
0
3
E
K
6
P5
8
25
1
30
.
16
5
20
.
14
.
14
1
40
1
1
.
0
0
5
3
E
K
6
P5
1
35
8
30
.
14
8
20
.
12
.
14
0
50
1
1
.
0
A
0
5
3
E
K
6
P3
3
38
6
30
.
10
0
30
.
12
.
12
8
40
1
1
.
0
0
0
4
E
K
6
P0
6
30
4
40
.
14
2
30
.
10
.
14
7
50
1
1
.
0
A
0
0
4
E
K
6
P0
8
30
2
40
.
12
4
30
.
11
.
18
4
50
1
1
.
0
0
4
4
E
K
6
P6
9
34
8
40
.
16
5
30
.
15
9
.
01
3
60
1
1
.
0
A
0
4
4
E
K
6
P8
1
42
6
40
.
16
7
30
.
10
.
12
0
60
1
1
.
0
A
0
8
4
E
K
6
P6
5
44
0
50
.
18
0
40
.
19
.
08
5
60
1
1
.
0
A
0
1
5
E
K
6
P5
8
45
3
50
.
14
3
40
.
19
.
08
9
60
1
1
.
0
A
0
3
5
E
K
6
P5
.
3
0
55
.
6
5
50
.
10
5
40
.
18
.
05
2
70
1
1
.
0
A
0
4
5
E
K
6
P3
1
57
6
50
.
19
5
40
.
18
.
00
4
70
1
1
.
0
A
0
5
5
E
K
6
P5
.
2
2
55
.
7
7
50
.
17
6
40
.
18
.
00
6
70
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bidirectional types with V
WM of 10 volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%
This P6KE TVS series is a low cost commercial product for use in applications where large voltage transients can permanently damage voltage-sensitive
components.
The P6KE series device types are designed in a small package size where power and space is a consideration. They are characterized by their high surge capability,
extremely fast response time, and low impedance, (Ron). Because of the unpredictable nature of transients, and the variation of the impedance with respect to these
transients, impedance, per se, is not specified as a parametric value. However, a minimum voltage at low current conditions (BV) and a maximum clamping voltage
(Vc) at a maximum peak pulse current is specified.
In some instances, the thermal effect (see Vc Clamping Voltage) may be responsible for 50% to 70%. of the observed voltage differential when subjected to high
current pulses for several duty cycles, thus making a maximum impedance specification insignificant.
In case of a severe current overload or abnormal transient beyond the maximum ratings, the Transient Voltage Suppressor will initially fail 'short' thus tripping the
system's circuit breaker or fuse while protecting the entire circuit. Curves depicting clamping voltage vs. various current pulses are available from the factory.
Extended power curves vs. pulse time are also available.
Description:


Similar Part No. - P6KE18

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE18 PANJIT-P6KE18 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE18 PANJIT-P6KE18 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE18 ZSELEC-P6KE18 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Leshan Radio Company
P6KE18 LRC-P6KE18 Datasheet
288Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts
logo
Microsemi Corporation
P6KE18 MICROSEMI-P6KE18 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results

Similar Description - P6KE18

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com