Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA10A Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # SA10A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SA10A Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  SA10A Datasheet HTML 1Page - GOOD-ARK Electronics SA10A Datasheet HTML 2Page - GOOD-ARK Electronics SA10A Datasheet HTML 3Page - GOOD-ARK Electronics SA10A Datasheet HTML 4Page - GOOD-ARK Electronics SA10A Datasheet HTML 5Page - GOOD-ARK Electronics SA10A Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
578
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
V
m
(
o
)
C
.
n
i
M.
x
a
M
3
3
A
S7
.
6
39
.
4
40
.
10
.
3
30
.
15
.
80
.
9
50
.
2
4
A
3
3
A
S7
.
6
36
.
0
40
.
10
.
3
30
.
14
.
93
.
3
50
.
9
3
6
3
A
S0
.
0
49
.
8
40
.
10
.
6
30
.
18
.
73
.
4
60
.
6
4
A
6
3
A
S0
.
0
42
.
4
40
.
10
.
6
30
.
16
.
81
.
8
50
.
1
4
0
4
A
S4
.
4
43
.
4
50
.
10
.
0
40
.
10
.
74
.
1
70
.
1
5
A
0
4
A
S4
.
4
41
.
9
40
.
10
.
0
40
.
18
.
75
.
4
60
.
6
4
3
4
A
S8
.
7
44
.
8
50
.
10
.
3
40
.
15
.
67
.
6
70
.
5
5
A
3
4
A
S8
.
7
48
.
2
50
.
10
.
3
40
.
12
.
74
.
9
60
.
0
5
5
4
A
S0
.
0
51
.
1
60
.
10
.
5
40
.
12
.
63
.
0
80
.
8
5
A
5
4
A
S0
.
0
53
.
5
50
.
10
.
5
40
.
19
.
67
.
2
70
.
2
5
8
4
A
S3
.
3
52
.
5
60
.
10
.
8
40
.
18
.
55
.
5
80
.
3
6
A
8
4
A
S3
.
3
59
.
8
50
.
10
.
8
40
.
15
.
64
.
7
70
.
6
5
1
5
A
S7
.
6
53
.
9
60
.
10
.
1
50
.
15
.
51
.
1
90
.
6
6
A
1
5
A
S7
.
6
57
.
2
60
.
10
.
1
50
.
11
.
64
.
2
80
.
1
6
4
5
A
S0
.
0
63
.
3
70
.
10
.
4
50
.
12
.
53
.
6
90
.
1
7
A
4
5
A
S0
.
0
63
.
6
60
.
10
.
4
50
.
17
.
51
.
7
80
.
5
6
8
5
A
S4
.
4
67
.
8
70
.
10
.
8
50
.
19
.
43
0
10
.
8
7
A
8
5
A
S4
.
4
62
.
1
70
.
10
.
8
50
.
13
.
56
.
3
90
.
0
7
0
6
A
S7
.
6
65
.
1
80
.
10
.
0
60
.
17
.
47
0
10
.
0
8
A
0
6
A
S7
.
6
67
.
3
70
.
10
.
0
60
.
12
.
58
.
6
90
.
1
7
4
6
A
S1
.
1
79
.
6
80
.
10
.
4
60
.
14
.
44
1
10
.
6
8
A
4
6
A
S1
.
1
76
.
8
70
.
10
.
4
60
.
19
.
43
0
10
.
6
7
0
7
A
S8
.
7
71
.
5
90
.
10
.
0
70
.
10
.
45
2
10
.
4
9
A
0
7
A
S8
.
7
70
.
6
80
.
10
.
0
70
.
14
.
43
1
10
.
5
8
5
7
A
S3
.
3
82
0
10
.
10
.
5
70
.
17
.
34
3
11
0
1
A
5
7
A
S3
.
3
81
.
2
90
.
10
.
5
70
.
11
.
41
2
10
.
1
9
8
7
A
S7
.
6
86
0
10
.
10
.
8
70
.
16
.
39
3
15
0
1
A
8
7
A
S7
.
6
88
.
5
90
.
10
.
8
70
.
10
.
46
2
10
.
5
9
5
8
A
S4
.
4
95
1
10
.
10
.
5
80
.
13
.
31
5
14
1
1
A
5
8
A
S4
.
4
94
0
10
.
10
.
5
80
.
16
.
37
3
13
0
1
0
9
A
S0
0
12
2
10
.
10
.
0
90
.
11
.
30
6
11
2
1
A
0
9
A
S0
0
11
1
10
.
10
.
0
90
.
14
.
36
4
10
1
1
0
0
1
A
S1
1
16
3
10
.
10
.
0
0
10
.
18
.
29
7
15
3
1
A
0
0
1
A
S1
1
13
2
10
.
10
.
0
0
10
.
11
.
32
6
13
2
1
0
1
1
A
S2
2
19
4
10
.
10
.
0
1
10
.
16
.
26
9
18
4
1
A
0
1
1
A
S2
2
15
3
10
.
10
.
0
1
10
.
18
.
27
7
13
3
1
0
2
1
A
S3
3
13
6
10
.
10
.
0
2
10
.
13
.
24
1
22
6
1
A
0
2
1
A
S3
3
17
4
10
.
10
.
0
2
10
.
16
.
23
9
16
4
1
0
3
1
A
S4
4
16
7
10
.
10
.
0
3
10
.
12
.
20
3
25
7
1
A
0
3
1
A
S4
4
19
5
10
.
10
.
0
3
10
.
14
.
29
0
28
5
1
0
5
1
A
S7
6
14
0
20
.
10
.
0
5
10
.
19
.
18
6
23
0
2
A
0
5
1
A
S7
6
15
8
10
.
10
.
0
5
10
.
11
.
23
4
24
8
1
0
6
1
A
S8
7
18
1
20
.
10
.
0
6
10
.
17
.
17
5
27
1
2
A
0
6
1
A
S8
7
17
9
10
.
10
.
0
6
10
.
19
.
19
5
26
9
1
0
7
1
A
S9
8
11
3
20
.
10
.
0
7
10
.
16
.
14
0
30
3
2
A
0
7
1
A
S9
8
19
0
20
.
10
.
0
7
10
.
18
.
15
7
28
0
2
A
0
8
1
A
S0
0
23
3
20
.
10
.
0
8
10
.
17
.
19
8
2-
Notes:
1. V
(BR) measured after IT applied for 300us. IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bidirectional types with V
WM of 10 Volts and less, the ID limit is doubled
4. For the bidirectional SA5.0CA, the maximum V
BR is 7.25V
5. All terms and symbols are consistent with ANSI/IEEE C62.35
6. For parts without A, the V
BR is +10%


Similar Part No. - SA10A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SA10A LUGUANG-SA10A Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Motorola, Inc
SA10A MOTOROLA-SA10A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Shanghai Leiditech Elec...
SA10A LEIDITECH-SA10A Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
logo
Vishay Siliconix
SA10A VISHAY-SA10A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Littelfuse
SA10A LITTELFUSE-SA10A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
More results

Similar Description - SA10A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com