Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SESLC5VD323-2U Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SESLC5VD323-2U
Description  Low Capacitance ESD Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SESLC5VD323-2U Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SESLC5VD323-2U Datasheet HTML 1Page - GOOD-ARK Electronics SESLC5VD323-2U Datasheet HTML 2Page - GOOD-ARK Electronics SESLC5VD323-2U Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SESLC Series
ESD Protector
2
www. goodark..com
Low Capacitance ESD Protector
ROHS
note: Unidirectional: -2U;
Bidirectional:-2B
Typical
Characteristics
Absolute maximum rating @25℃
Rating
Symbol
Value
Units
Unidirectional Peak Pulse Power (tp=8/20μS)
Ppp
350
W
Operating Temperature
TJ
-55 to +150
Storage Temperature
TSTG
-55 to +150


Similar Part No. - SESLC5VD323-2U

ManufacturerPart #DatasheetDescription
logo
Surge Components
SESLC5VT236-6U SURGE-SESLC5VT236-6U Datasheet
264Kb / 5P
   ESD Protection Diode Array
More results

Similar Description - SESLC5VD323-2U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05CAE FS-FTV05CAE Datasheet
387Kb / 4P
   Low Capacitance ESD Protector
logo
GOOD-ARK Electronics
SES5VSC70-6U GOOD-ARK-SES5VSC70-6U Datasheet
605Kb / 6P
   Low Capacitance ESD Protector Array
logo
Pan Jit International I...
PJCLAMP0502Q PANJIT-PJCLAMP0502Q Datasheet
48Kb / 3P
   DUAL ULTRA LOW CAPACITANCE ESD PROTECTOR ARRAY
logo
ON Semiconductor
NP0080TA ONSEMI-NP0080TA Datasheet
122Kb / 5P
   Low Capacitance Protector
October, 2008 ??Rev. 0
logo
Central Semiconductor C...
CMPLC1V5 CENTRAL-CMPLC1V5 Datasheet
82Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE ESD TRANSIENT DATA LINE PROTECTOR
CMPLC1V5 CENTRAL-CMPLC1V5_10 Datasheet
329Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
logo
Pan Jit International I...
PJLC1V5 PANJIT-PJLC1V5 Datasheet
180Kb / 4P
   LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
logo
GOOD-ARK Electronics
SES2V8P8U GOOD-ARK-SES2V8P8U Datasheet
165Kb / 3P
   ESD Protector
SES5VD523-2B GOOD-ARK-SES5VD523-2B Datasheet
218Kb / 4P
   ESD Protector
SES5VN10X6-16B GOOD-ARK-SES5VN10X6-16B Datasheet
195Kb / 4P
   ESD Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com