Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138 Datasheet(PDF) 6 Page - Silikron Semiconductor Co.,LTD.

Part # BSS138
Description  Direct Logic-Level Interface: TTL/CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

BSS138 Datasheet(HTML) 6 Page - Silikron Semiconductor Co.,LTD.

  BSS138 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. BSS138 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BSS138
SOT-23 PACKAGE INFORMATION
Dimensions in Millimeters (UNIT:mm)
Dimensions in Millimeters
Symbol
MIN.
MAX.
A
0.900
1.150
A1
0.000
0.100
A2
0.900
1.050
b
0.300
0.500
c
0.080
0.150
D
2.800
3.000
E
1.200
1.400
E1
2.250
2.550
e
0.950TYP
e1
1.800
2.000
L
0.550REF
L1
0.300
0.500
θ
NOTES
1. All dimensions are in millimeters.
2. Tolerance ±0.10mm (4 mil) unless otherwise specified
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 5 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
©Silikron Semiconductor CO.,LTD.
6
http://www.silikron.com
v1.0


Similar Part No. - BSS138

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
BSS138 TECHPUBLIC-BSS138 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
BSS138 ZETEX-BSS138 Datasheet
58Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Unisonic Technologies
BSS138 UTC-BSS138 Datasheet
160Kb / 3P
   N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Micro Commercial Compon...
BSS138 MCC-BSS138 Datasheet
325Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Youtai Semico...
BSS138 UMW-BSS138 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - BSS138

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
   Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
   Direct Logic-Level Interface: TTL/CMOS
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
Shanghai Leiditech Elec...
LM232SA LEIDITECH-LM232SA Datasheet
3Mb / 10P
   Driver input is compatible with TTL/CMOS logic level
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_07 Datasheet
77Kb / 6P
   Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
Harris Corporation
CD40116 HARRIS-CD40116 Datasheet
382Kb / 6P
   CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER
logo
IXYS Corporation
CPC7594 IXYS-CPC7594 Datasheet
266Kb / 20P
   TTL Logic Level Inputs for 3.3V Logic Interfaces
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
NXP Semiconductors
Z0103MA-116 PHILIPS-Z0103MA-116 Datasheet
205Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
Z0107MA116 PHILIPS-Z0107MA116 Datasheet
200Kb / 13P
   Direct interfacing to logic level ICs
23 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com