Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HAQW Datasheet(PDF) 4 Page - Weitron Technology

Part # MMBD4448HAQW
Description  Surface Mount Switching Multi-Chip Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBD4448HAQW Datasheet(HTML) 4 Page - Weitron Technology

  MMBD4448HAQW Datasheet HTML 1Page - Weitron Technology MMBD4448HAQW Datasheet HTML 2Page - Weitron Technology MMBD4448HAQW Datasheet HTML 3Page - Weitron Technology MMBD4448HAQW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
http://www.weitron.com.tw
4/4
04-Jan-06
Typical Characteristics
10
100
1
0.1
0
1.6
1.2
0.4
0.8
0.1
1
10
100
1000
10000
0
20
40
60
80
100
0
0.5
1
2.5
2
1.5
3
0
10
20
40
30
0
50
100
150
200
250
0
100
200
0
4
6
8
2
10
I , FORWARD CURRENT (mA)
F
0
0.5
1.0
1.5
2.0
2.5
MMBD4448HAQW
MMBD4448HADW
MMBD4448HCDW
MMBD4448HSDW
MMBD4448HTW
Fig.1 Typical Forward Characteristics
VF,INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Reverse Characteristics
VR, REVERSE VOLTAGE(V)
Fig.3 Typical Capacitancevs .Reverse Voltage
VR,REVERSEVOLTAGE(V)
Fig.4 Power Derating Curve, Total Package
Fig.5 Reverse Recovery Time vs Forward Current
f=1MHz
TA, AMBIENT TEMPERATURE (°C)
1000
TA=125ºC
TA=125ºC
TA=75ºC
TA=75ºC
TA=25ºC
TA=25ºC
TA= -40ºC
TA= -40ºC
TA=0ºC
TA=0ºC


Similar Part No. - MMBD4448HAQW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HAQW DIODES-MMBD4448HAQW Datasheet
77Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 7 - 2
MMBD4448HAQW DIODES-MMBD4448HAQW Datasheet
440Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
DS30153 Rev. 14 - 2
logo
SeCoS Halbleitertechnol...
MMBD4448HAQW SECOS-MMBD4448HAQW Datasheet
1Mb / 2P
   Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
MMBD4448HAQW MCC-MMBD4448HAQW Datasheet
190Kb / 4P
   200mW Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448HAQW LUGUANG-MMBD4448HAQW Datasheet
287Kb / 2P
   Surface Mount Fast Switching Diodes
More results

Similar Description - MMBD4448HAQW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS16TDW WEITRON-BAS16TDW Datasheet
335Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
BAV70DW WEITRON-BAV70DW Datasheet
277Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
WIMN10 WEITRON-WIMN10 Datasheet
309Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
   Multi-Chip Switching Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com