Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE170 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # P4KE170
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P4KE170 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  P4KE170 Datasheet HTML 1Page - GOOD-ARK Electronics P4KE170 Datasheet HTML 2Page - GOOD-ARK Electronics P4KE170 Datasheet HTML 3Page - GOOD-ARK Electronics P4KE170 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
567
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
2
6
E
K
4
P8
.
5
52
.
8
60
.
12
.
0
50
.
15
.
40
.
9
84
0
1
.
0
A
2
6
E
K
4
P9
.
8
51
.
5
60
.
10
.
3
50
.
17
.
40
.
5
84
0
1
.
0
8
6
E
K
4
P2
.
1
68
.
4
70
.
11
.
5
50
.
11
.
40
.
8
94
0
1
.
0
A
8
6
E
K
4
P6
.
4
64
.
1
70
.
11
.
8
50
.
13
.
40
.
2
94
0
1
.
0
5
7
E
K
4
P5
.
7
65
.
2
80
.
17
.
0
60
.
17
.
38
0
15
0
1
.
0
A
5
7
E
K
4
P3
.
1
78
.
8
70
.
11
.
4
60
.
19
.
33
0
15
0
1
.
0
2
8
E
K
4
P8
.
3
72
.
0
90
.
14
.
6
60
.
14
.
38
1
15
0
1
.
0
A
2
8
E
K
4
P9
.
7
71
.
6
80
.
11
.
0
70
.
15
.
33
1
15
0
1
.
0
1
9
E
K
4
P9
.
1
80
0
10
.
17
.
3
70
.
11
.
31
3
16
0
1
.
0
A
1
9
E
K
4
P5
.
6
85
.
5
90
.
18
.
7
70
.
12
.
35
2
16
0
1
.
0
0
0
1
E
K
4
P0
.
0
90
1
10
.
10
.
1
80
.
18
.
24
4
16
0
1
.
0
A
0
0
1
E
K
4
P0
.
5
95
0
10
.
15
.
5
80
.
19
.
27
3
16
0
1
.
0
0
1
1
E
K
4
P0
.
9
91
2
10
.
12
.
9
80
.
15
.
28
5
17
0
1
.
0
A
0
1
1
E
K
4
P5
0
16
1
10
.
10
.
4
90
.
16
.
22
5
17
0
1
.
0
0
2
1
E
K
4
P8
0
12
3
10
.
12
.
7
90
.
13
.
23
7
17
0
1
.
0
A
0
2
1
E
K
4
P4
1
16
2
10
.
12
0
10
.
14
.
25
6
17
0
1
.
0
0
3
1
E
K
4
P7
1
13
4
10
.
15
0
10
.
11
.
27
8
17
0
1
.
0
A
0
3
1
E
K
4
P4
2
17
3
10
.
11
1
10
.
12
.
29
7
17
0
1
.
0
0
5
1
E
K
4
P5
3
15
6
10
.
11
2
10
.
19
.
15
1
28
0
1
.
0
A
0
5
1
E
K
4
P3
4
18
5
10
.
18
2
10
.
19
.
17
0
28
0
1
.
0
0
6
1
E
K
4
P4
4
16
7
10
.
10
3
10
.
17
.
10
3
28
0
1
.
0
A
0
6
1
E
K
4
P2
5
18
6
10
.
16
3
10
.
18
.
19
1
28
0
1
.
0
0
7
1
E
K
4
P3
5
17
8
10
.
18
3
10
.
16
.
14
4
28
0
1
.
0
A
0
7
1
E
K
4
P2
6
19
7
10
.
15
4
10
.
17
.
14
3
28
0
1
.
0
0
8
1
E
K
4
P2
6
18
9
10
.
16
4
10
.
16
.
18
5
28
0
1
.
0
A
0
8
1
E
K
4
P1
7
19
8
10
.
14
5
10
.
16
.
16
4
28
0
1
.
0
0
0
2
E
K
4
P0
8
10
2
20
.
12
6
10
.
14
.
17
8
28
0
1
.
0
A
0
0
2
E
K
4
P0
9
10
1
20
.
11
7
10
.
15
.
14
7
28
0
1
.
0
0
2
2
E
K
4
P8
9
12
4
20
.
15
7
10
.
12
.
14
4
38
0
1
.
0
A
0
2
2
E
K
4
P9
0
21
3
20
.
15
8
10
.
12
.
18
2
38
0
1
.
0
0
5
2
E
K
4
P5
2
25
7
20
.
12
0
20
.
11
.
10
6
30
1
1
.
0
A
0
5
2
E
K
4
P7
3
23
6
20
.
14
1
20
.
12
.
14
4
30
1
1
.
0
0
0
3
E
K
4
P0
7
20
3
30
.
13
4
20
.
13
9
.
00
3
40
1
1
.
0
A
0
0
3
E
K
4
P5
8
25
1
30
.
16
5
20
.
10
.
14
1
40
1
1
.
0
0
5
3
E
K
4
P5
1
35
8
30
.
14
8
20
.
19
7
.
04
0
50
1
1
.
0
A
0
5
3
E
K
4
P3
3
38
6
30
.
10
0
30
.
13
8
.
02
8
40
1
1
.
0
0
0
4
E
K
4
P0
6
30
4
40
.
14
2
30
.
10
7
.
04
7
50
1
1
.
0
A
0
0
4
E
K
4
P0
8
30
2
40
.
12
4
30
.
13
7
.
08
4
50
1
1
.
0
0
4
4
E
K
4
P6
9
34
8
40
.
16
5
30
.
13
6
.
01
3
60
1
1
.
0
A
0
4
4
E
K
4
P8
1
42
6
40
.
16
7
30
.
16
6
.
02
0
60
1
1
.
0
A
0
8
4
E
K
4
P6
5
44
0
50
.
18
0
40
.
11
6
.
08
5
60
1
1
.
0
A
0
1
5
E
K
4
P5
8
45
3
50
.
14
3
40
.
17
5
.
08
9
60
1
1
.
0
A
0
3
5
E
K
4
P5
.
3
0
55
.
6
5
50
.
10
5
40
.
15
5
.
05
2
70
1
1
.
0
A
0
4
5
E
K
4
P3
1
57
6
50
.
19
5
40
.
14
5
.
00
4
70
1
1
.
0
A
0
5
5
E
K
4
P5
.
2
2
55
.
7
7
50
.
17
6
40
.
12
5
.
00
6
70
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bidirectional types having V
WM of 10 volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%


Similar Part No. - P4KE170

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4KE170 TSC-P4KE170 Datasheet
224Kb / 6P
   400 Watts Transient Voltage Suppressor Low Dynamic impedance
logo
Pan Jit International I...
P4KE170 PANJIT-P4KE170 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
UN Semiconducctor INC
P4KE170 UNSEMI-P4KE170 Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
P4KE170 LUGUANG-P4KE170 Datasheet
416Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE170 DIOTEC-P4KE170 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE170

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com