Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE350 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # P4KE350
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

P4KE350 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  P4KE350 Datasheet HTML 1Page - GOOD-ARK Electronics P4KE350 Datasheet HTML 2Page - GOOD-ARK Electronics P4KE350 Datasheet HTML 3Page - GOOD-ARK Electronics P4KE350 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
566
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
8
.
6
E
K
4
P2
1
.
68
4
.
70
10
5
.
50
0
0
10
.
7
38
.
0
17
5
0
.
0
A
8
.
6
E
K
4
P5
4
.
64
1
.
70
10
8
.
50
0
0
11
.
8
35
.
0
17
5
0
.
0
5
.
7
E
K
4
P5
7
.
65
2
.
80
15
0
.
60
0
52
.
4
37
.
1
11
6
0
.
0
A
5
.
7
E
K
4
P3
1
.
78
8
.
70
10
4
.
60
0
54
.
5
33
.
1
11
6
0
.
0
2
.
8
E
K
4
P8
3
.
72
0
.
90
13
6
.
60
0
20
.
2
35
.
2
15
6
0
.
0
A
2
.
8
E
K
4
P9
7
.
71
6
.
80
12
0
.
70
0
21
.
3
31
.
2
15
6
0
.
0
1
.
9
E
K
4
P9
1
.
80
.
0
10
.
17
3
.
70
50
.
9
28
.
3
18
6
0
.
0
A
1
.
9
E
K
4
P5
6
.
85
5
.
90
.
18
7
.
70
59
.
9
24
.
3
18
6
0
.
0
0
1
E
K
4
P0
0
.
90
.
1
10
.
10
1
.
80
17
.
6
20
.
5
13
7
0
.
0
A
0
1
E
K
4
P0
5
.
95
.
0
10
.
15
5
.
80
16
.
7
25
.
4
13
7
0
.
0
1
1
E
K
4
P0
9
.
91
.
2
10
.
12
9
.
80
.
57
.
4
22
.
6
15
7
0
.
0
A
1
1
E
K
4
P5
.
0
16
.
1
10
.
10
4
.
90
.
56
.
5
26
.
5
15
7
0
.
0
2
1
E
K
4
P8
.
0
12
.
3
10
.
12
7
.
90
.
11
.
3
23
.
7
16
7
0
.
0
A
2
1
E
K
4
P4
.
1
16
.
2
10
.
12
.
0
10
.
10
.
4
27
.
6
18
7
0
.
0
3
1
E
K
4
P7
.
1
13
.
4
10
.
15
.
0
10
.
11
.
1
20
.
9
11
8
0
.
0
A
3
1
E
K
4
P4
.
2
17
.
3
10
.
11
.
1
10
.
10
.
2
22
.
8
11
8
0
.
0
5
1
E
K
4
P5
.
3
15
.
6
10
.
11
.
2
10
.
12
.
8
10
.
2
24
8
0
.
0
A
5
1
E
K
4
P3
.
4
18
.
5
10
.
18
.
2
10
.
19
.
8
12
.
1
24
8
0
.
0
6
1
E
K
4
P4
.
4
16
.
7
10
.
19
.
2
10
.
10
.
7
15
.
3
26
8
0
.
0
A
6
1
E
K
4
P2
.
5
18
.
6
10
.
16
.
3
10
.
18
.
7
15
.
2
26
8
0
.
0
8
1
E
K
4
P2
.
6
18
.
9
10
.
15
.
4
10
.
11
.
5
15
.
6
28
8
0
.
0
A
8
1
E
K
4
P1
.
7
19
.
8
10
.
13
.
5
10
.
19
.
5
12
.
5
28
8
0
.
0
0
2
E
K
4
P0
.
8
10
.
2
20
.
12
.
6
10
.
17
.
3
11
.
9
20
9
0
.
0
A
0
2
E
K
4
P0
.
9
10
.
1
20
.
11
.
7
10
.
14
.
4
17
.
7
20
9
0
.
0
2
2
E
K
4
P8
.
9
12
.
4
20
.
18
.
7
10
.
15
.
2
19
.
1
32
9
0
.
0
A
2
2
E
K
4
P9
.
0
21
.
3
20
.
18
.
8
10
.
11
.
3
16
.
0
32
9
0
.
0
4
2
E
K
4
P6
.
1
24
.
6
20
.
14
.
9
10
.
15
.
1
17
.
4
34
9
0
.
0
A
4
2
E
K
4
P8
.
2
22
.
5
20
.
15
.
0
20
.
10
.
2
12
.
3
34
9
0
.
0
7
2
E
K
4
P3
.
4
27
.
9
20
.
18
.
1
20
.
12
.
0
11
.
9
36
9
0
.
0
A
7
2
E
K
4
P7
.
5
24
.
8
20
.
11
.
3
20
.
17
.
0
15
.
7
36
9
0
.
0
0
3
E
K
4
P0
.
7
20
.
3
30
.
13
.
4
20
.
12
.
95
.
3
47
9
0
.
0
A
0
3
E
K
4
P5
.
8
25
.
1
30
.
16
.
5
20
.
17
.
94
.
1
47
9
0
.
0
3
3
E
K
4
P7
.
9
23
.
6
30
.
18
.
6
20
.
14
.
87
.
7
48
9
0
.
0
A
3
3
E
K
4
P4
.
1
37
.
4
30
.
12
.
8
20
.
18
.
87
.
5
48
9
0
.
0
6
3
E
K
4
P4
.
2
36
.
9
30
.
11
.
9
20
.
17
.
70
.
2
59
9
0
.
0
A
6
3
E
K
4
P2
.
4
38
.
7
30
.
18
.
0
30
.
10
.
89
.
9
49
9
0
.
0
9
3
E
K
4
P1
.
5
39
.
2
40
.
16
.
1
30
.
11
.
74
.
6
50
0
1
.
0
A
9
3
E
K
4
P1
.
7
30
.
1
40
.
13
.
3
30
.
14
.
79
.
3
50
0
1
.
0
3
4
E
K
4
P7
.
8
33
.
7
40
.
18
.
4
30
.
15
.
69
.
1
61
0
1
.
0
A
3
4
E
K
4
P9
.
0
42
.
5
40
.
18
.
6
30
.
17
.
63
.
9
51
0
1
.
0
7
4
E
K
4
P3
.
2
47
.
1
50
.
11
.
8
30
.
19
.
58
.
7
61
0
1
.
0
A
7
4
E
K
4
P7
.
4
44
.
9
40
.
12
.
0
40
.
12
.
68
.
4
61
0
1
.
0
1
5
E
K
4
P9
.
5
41
.
6
50
.
13
.
1
40
.
14
.
55
.
3
72
0
1
.
0
A
1
5
E
K
4
P5
.
8
46
.
3
50
.
16
.
3
40
.
17
.
51
.
0
72
0
1
.
0
6
5
E
K
4
P4
.
0
56
.
1
60
.
14
.
5
40
.
10
.
55
.
0
83
0
1
.
0
A
6
5
E
K
4
P2
.
3
58
.
8
50
.
18
.
7
40
.
12
.
50
.
7
73
0
1
.
0


Similar Part No. - P4KE350

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE350 PANJIT-P4KE350 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE350 YFWDIODE-P4KE350 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Rugao Dachang Electroni...
P4KE350 DACHANG-P4KE350 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Diotec Semiconductor
P4KE350 DIOTEC-P4KE350 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE350 LUGUANG-P4KE350 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE350

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com