Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF26 Datasheet(PDF) 3 Page - Weitron Technology

Part # SF26
Description  Axial Lead Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SF26 Datasheet(HTML) 3 Page - Weitron Technology

  SF26 Datasheet HTML 1Page - Weitron Technology SF26 Datasheet HTML 2Page - Weitron Technology SF26 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
3/3
Rev.A 04-Aug-09
0.1
1.0
0.01
10
50
FIG.4 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY
TIME CHARACTERISTIC
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.6 TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
0.4
0.8
1.2
1.6
2.0
2.4
175
150
125
100
75
50
25
0
(+)
(+)
25Vdc
(approx.)
( )
( )
10
NONINDUCTIVE
50
NONINDUCTIVE
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
0.01
0.05 0.1
0.5
1
5
10
50 100
D.U.T.
3.0
0.1
1.0
0.01
10
50
3.0
0.375"(9.5mm) Lead Length
Tj=100°C
Tj=25°C
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25°C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80 100 120 140
AMBIENT TEMPERATURE,( C)
0
0
25
50
75
100
125
150
175
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Pulse Width 300us
1% Duty Cycle
0.4 0.6
0.8 1.0 1.2 1.4
1.6
1.8
Tj=25 C
RATINGAND CHARACTERISTIC CURVES
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FORWARD VOLTAGE,(V)
FIG.3 TYPICAL FORWARD CHARACTERISTICS
SF21 thru SF28


Similar Part No. - SF26

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF26 YANGJIE-SF26 Datasheet
134Kb / 2P
   Super Fast Rectifier
logo
Mospec Semiconductor
SF26 MOSPEC-SF26 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
Jinan Jing Heng Electro...
SF26 JINGHENG-SF26 Datasheet
59Kb / 2P
   SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
SF26 MCC-SF26 Datasheet
94Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Shenzhen Yixinwei Techn...
SF26 YIXIN-SF26 Datasheet
262Kb / 2P
   2.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF26

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SF11 WEITRON-SF11 Datasheet
503Kb / 3P
   Axial Lead Super Fast Rectifier
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31 FORMOSA-SF31_17 Datasheet
146Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF11 FORMOSA-SF11_17 Datasheet
138Kb / 6P
   Axial Leaded Super Fast Rectifiers
SF31G FORMOSA-SF31G Datasheet
88Kb / 6P
   Axial Leaded Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com