Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTZJ4.7B Datasheet(PDF) 2 Page - Weitron Technology

Part # MTZJ4.7B
Description  Axial Lead Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MTZJ4.7B Datasheet(HTML) 2 Page - Weitron Technology

  MTZJ4.7B Datasheet HTML 1Page - Weitron Technology MTZJ4.7B Datasheet HTML 2Page - Weitron Technology MTZJ4.7B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MTZJ Series
WEITRON
http//www.weitron.com.tw
2/3
03-Jul-07
Part Voltage
IZ ZZ( ) IZ ZZK( ) IZ IR(uA) VR
No
A
B
C
D
Max (mA) Max (mA) Max
(V)
5
.
0
0
0
1
0
2
.
2
-
2
0
.
2
0
1
.
2
-
8
8
.
1
0
.
2
7
.
0
0
2
1
0
0
1
1
4
.
2
-
2
2
.
2
0
3
.
2
-
2
1
.
2
2
.
2
0
.
1
5
.
0
0
0
1
3
6
.
2
-
3
4
.
2
2
5
.
2
-
3
3
.
2
4
.
2
0
.
1
0
0
1
0
1
1
1
9
.
2
-
9
6
.
2
5
7
.
2
-
4
5
.
2
7
.
2
0
.
1
0
5
0
0
0
1
0
2
1
2
2
.
3
-
1
0
.
3
7
0
.
3
-
5
8
.
2
0
.
3
0
.
1
0
2
0
2
1
3
5
.
3
-
2
3
.
3
8
3
.
3
-
6
1
.
3
3
.
3
0
.
1
0
1
0
0
1
5
4
8
.
3
-
0
6
.
3
5
9
6
.
3
-
5
5
4
.
3
6
.
3
0
.
1
1
0
0
1
6
1
.
4
-
9
8
.
3
0
1
0
.
4
-
0
4
7
.
3
9
.
3
0
.
1
0
0
1
7
5
.
4
-
0
3
.
4
3
4
.
4
-
7
1
.
4
9
2
.
4
-
4
0
.
4
3
.
4
4.7
4.44-4.68
4.55-4.80
4.68-4.93
80
900
5
1.0
5.1
4.81-5.07
4.94-5.20
5.09-5.37
70
1200
1.5
5.6
5.28-5.55
5.45-5.73
5.61-5.91
40
900
2.5
6.2
5.78-6.09
5.96-6.27
6.12-6.44
30
500
3
6.8
6.29-6.63
6.49-6.83
6.66-7.01
20
150
2
3.5
7.5
6.85-7.22
7.07-7.45
7.29-7.67
20
120
4
8.2
7.53-7.92
7.78-8.19
8.03-8.45
20
120
0.5
5
9.1
8.29-8.73
8.57-9.01
8.83-9.30
20
120
0.5
6
10
9.12-9.59
9.41-9.90 9.70-10.20 9.94-10.44
5
20
5
120
7
11
10.18-10.71 10.50-11.05 10.82-11.38
20
120
8
12
11.13-11.71 11.44-12.03 11.74-12.35
25
110
9
13
12.11-12.75 12.55-13.21 12.99-13.66
25
110
10
15
13.44-14.13 13.89-14.62 14.35-15.09
25
110
11
16
14.80-15.57 15.25-16.04 15.69-16.51
25
150
12
18
16.22-17.06 16.82-17.70 17.42-18.33
30
150
13
20
18.02-18.96 18.63-19.59 19.23-20.22 19.72-20.72
30
200
15
15
22
20.15-21.20 20.64-21.71 21.08-22.17 21.52-22.63
30
200
17
17
24
22.05-23.18 22.61-23.77 23.12-24.31 23.63-24.85
35
200
19
0.2
19
27
24.26-25.52 24.97-26.26 25.63-26.95 26.29-27.64
45
250
21
21
30
26.99-28.39 27.70-29.13 28.36-29.82 29.02-30.51
55
250
23
23
33
29.68-31.22 30.32-31.88 30.90-32.50 31.49-33.11
65
250
25
25
36
32.14-33.79 32.79-34.49 33.40-35.13 34.01-35.77
75
250
27
27
39
34.68-36.47 35.36-37.19 36.00-37.85 36.63-38.52
85
250
30
30
0
3
0
3
0
5
2
5
8
E
9
3
0
3
0
3
0
5
2
5
8
F
9
3
0
3
0
3
0
5
2
5
8
G
9
3
3
3
3
3
-
0
9
3
4
6
3
6
3
-
0
9
7
4
9
3
9
3
-
0
1
1
1
5
3
4
3
4
-
0
1
1
6
5
53.00-60.00
38.94-40.80
40.00-45.00
44.00-49.00
48.00-54.00
Thin suffix
VZ(V) Zener Voltage
37.36-39.29
38.14-40.11
TA=25°C, P=500mW


Similar Part No. - MTZJ4.7B

ManufacturerPart #DatasheetDescription
logo
Rohm
MTZJ4.7B ROHM-MTZJ4.7B Datasheet
123Kb / 5P
   Zener diode
logo
Leshan Radio Company
MTZJ4.7B LRC-MTZJ4.7B Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
Rohm
MTZJ4.7B ROHM-MTZJ4.7B Datasheet
119Kb / 5P
   Zener diode
MTZJ4.7B ROHM-MTZJ4.7B Datasheet
176Kb / 5P
   Zener diode
MTZJ4.7B ROHM-MTZJ4.7B Datasheet
177Kb / 5P
   Zener diode
More results

Similar Description - MTZJ4.7B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
   AXIAL LEAD ZENER DIODES
logo
Anova Technologies CO.,...
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
   Axial Lead Zener Diodes
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
   Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
   AXIAL LEAD ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com