Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF8521 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8521
Description  DC-DC conversion applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8521 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF8521 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8521 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSF8521
©Silikron Semiconductor CO.,LTD
2008.12.1
Version : 1.1
page 2 of 5
A Good-Ark Company
MOSFET
Thermal Resistance, Junction-to-Ambient (Note 2)
RθJA
100
/W
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-20
V
Zero Gate Voltage Drain Current
IDSS
VDS=-16V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±8V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.45
-1.2
V
VGS=-4.5V, ID=-3.2A
64
80
VGS=-2.5V, ID=-2.2A
85
110
Static Drain-Source On-Resistance
RDS(ON)
VGS=-1.8V, ID=-1.0A
120
170
mΩ
Forward Transconductance
gFS
VDS=-10V,ID=-2.9A
8
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
680
PF
Output Capacitance
Coss
100
PF
Reverse Transfer Capacitance
Crss
VDS=-10V,VGS=0V,
F=1.0MHz
70
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
5.8
nS
Turn-on Rise Time
tr
11.7
nS
Turn-Off Delay Time
td(off)
16
nS
Turn-Off Fall Time
tf
VDD=-10V,ID=-3.2A
VGS=-4.5V,RGEN=2.4Ω
12.4
nS
Total Gate Charge
Qg
7.4
nC
Gate-Source Charge
Qgs
1.4
nC
Gate-Drain Charge
Qgd
VDS=-10V,ID=-3.2A,VGS=-4.5V
2.5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-2.5A
-0.8
-1.2
V
Reverse Recovery Time
Trr
13.5
nS
Reverse Recovery Charge
Qrr
VGS = 0 V, IS = −1.0 A ,
dIS/dt = 100 A/us
6.5
nC


Similar Part No. - SSF8521

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF8509 SILIKRON-SSF8509 Datasheet
356Kb / 8P
   Advanced trench MOSFET process technology
logo
Texas Instruments
SSF859 TI1-SSF859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

Similar Description - SSF8521

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4703 SILIKRON-SSF4703 Datasheet
288Kb / 5P
   DC-DC conversion applications
SSF3117 SILIKRON-SSF3117 Datasheet
292Kb / 5P
   DC-DC conversion applications
SSF4703DC SILIKRON-SSF4703DC Datasheet
275Kb / 5P
   DC-DC conversion applications
logo
Guangdong Youtai Semico...
MC34063 UMW-MC34063 Datasheet
777Kb / 5P
   DC-DC conversion control circuit
logo
Silikron Semiconductor ...
SSF2783 SILIKRON-SSF2783 Datasheet
317Kb / 6P
   DC−DC Conversion Circuits
logo
Guangdong Youtai Semico...
MC33063 UMW-MC33063 Datasheet
830Kb / 5P
   DC-DC conversion control circuit
logo
Infineon Technologies A...
BAS3010A-03WE6327 INFINEON-BAS3010A-03WE6327 Datasheet
122Kb / 6P
   For high efficiency DC/DC conversion fast switching, protection and clamping applications
2007-04-10
logo
Premier Magnetics, Inc.
PM-SM02 PMI-PM-SM02 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
logo
Toshiba Semiconductor
2SK3441 TOSHIBA-2SK3441_09 Datasheet
190Kb / 6P
   DC-DC Converter Applications
logo
Sanyo Semicon Device
CPH3106 SANYO-CPH3106_04 Datasheet
77Kb / 4P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com