Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKFM1030D Datasheet(PDF) 1 Page - Weitron Technology

Part # SKFM1030D
Description  D-PAK Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SKFM1030D Datasheet(HTML) 1 Page - Weitron Technology

  SKFM1030D Datasheet HTML 1Page - Weitron Technology SKFM1030D Datasheet HTML 2Page - Weitron Technology SKFM1030D Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Plastic package has Underwriters Laboratory Flammability
Classication 94V-O Utilizing Flame Retardant Epoxy Molding Compound.
* For surface mounted applications
* Exceeds environmental standards of MIL-S-19500 / 228
* Low leakage current
* Case : Molded plastic, TO-252 / DPAK
* Terminals : Solder plated, solderable per MIL-STD-750, Method 2026
* Polarity : Indicated by marking
* Mounting Position : Any
* Weight : 0.34gram
REVERSE VOLTAGE
40 VOLTS
FORWARD CURRENT
10 AMPERES
Unit:mm
WEITRON
http://www.weitron.com.tw
D-PAK Outline Dimension
Featrues:
Mechanical Data:
SKFM1020D
Thru
SKFM1200D
D-PAK Surface Mount
Schottky Barrier Rectifiers
D-PAK(TO-252)
Dim
A
B
C
D
E
G
H
Min
6.30
5.80
5.10
0.80
2.50
4.30
0.08
2.10
0.40
0.40
Max
6.70
6.20
5.50
1.00
2.90
4.70
1.00
2.50
0.60
0.60
D-PAK
I
J
K
D-PAK / TO-252
1
1
2 , 4
2
4
3
3
1/3
07-Nov-07
Lead(Pb)-Free
P b
C
A
G
H
K
J
I


Similar Part No. - SKFM1030D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SKFM1030C-D2 FORMOSA-SKFM1030C-D2 Datasheet
169Kb / 7P
   10.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
More results

Similar Description - SKFM1030D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD1040CT WEITRON-WSD1040CT Datasheet
273Kb / 3P
   D-PAK Surface Mount Schottky Barrier Rectifiers
WSD1030CT WEITRON-WSD1030CT Datasheet
517Kb / 3P
   D-PAK Surface Mount Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com