Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZS2.2B Datasheet(PDF) 1 Page - Weitron Technology

Part # UDZS2.2B
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

UDZS2.2B Datasheet(HTML) 1 Page - Weitron Technology

  UDZS2.2B Datasheet HTML 1Page - Weitron Technology UDZS2.2B Datasheet HTML 2Page - Weitron Technology UDZS2.2B Datasheet HTML 3Page - Weitron Technology UDZS2.2B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Zener Diodes
* Non-wire bonding structure improves
* High demand voltage range (2.0V-36V)
Mechanical Data:
Features:
WEITRON
http://www.weitron.com.tw
UDZS2.0B series
SMALL SIGNAL
ZENER DIODES
200m WATTS
SOD-323
* Case : SOD-323 Molded plastic.
* Terminals : Solder able per MIL-STD-202, Method208.
* Polarity : Cathode In dicated by Polarity Band.
* Marking : Marking Code(See Table on Page.2)
* Weigh : 0.004grams(approx).
1/4
Rev.C 30-Sep-09
SOD-323 Outline Dimensions
Lead(Pb)-Free
P b
1


Similar Part No. - UDZS2.2B

ManufacturerPart #DatasheetDescription
logo
Rohm
UDZS2.0B ROHM-UDZS2.0B Datasheet
158Kb / 2P
   Voltage Regulation
UDZS2.4B ROHM-UDZS2.4B Datasheet
158Kb / 2P
   Voltage Regulation
UDZS2.7B ROHM-UDZS2.7B Datasheet
158Kb / 2P
   Voltage Regulation
More results

Similar Description - UDZS2.2B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com