Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2470FBD208 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC2470FBD208
Description  Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2470FBD208 Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC2470FBD208 Datasheet HTML 1Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 2Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 3Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 4Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 5Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 6Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 7Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 8Page - NXP Semiconductors LPC2470FBD208 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
LPC2470_2
© NXP B.V. 2009. All rights reserved.
Preliminary data sheet
Rev. 02 — 15 October 2009
3 of 83
NXP Semiconductors
LPC2470
Flashless 16-bit/32-bit microcontroller
I Each peripheral has its own clock divider for further power saving. These dividers help
reduce active power by 20 % to 30 %.
I Brownout detect with separate thresholds for interrupt and forced reset.
I On-chip power-on reset.
I On-chip crystal oscillator with an operating range of 1 MHz to 24 MHz.
I On-chip PLL allows CPU operation up to the maximum CPU rate without the need for
a high frequency crystal. May be run from the main oscillator, the internal RC
oscillator, or the RTC oscillator.
I Boundary scan for simplified board testing.
I Versatile pin function selections allow more possibilities for using on-chip peripheral
functions.
I Standard ARM test/debug interface for compatibility with existing tools.
I Emulation trace module supports real-time trace.
3.
Applications
I Industrial control
I Medical systems
I Portable electronics
I Point-of-Sale (POS) equipment
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2470FBD208 LQFP208
plastic low profile quad flat package; 208 leads; body 28
× 28 × 1.4 mm
SOT459-1
LPC2470FET208 TFBGA208 plastic thin fine-pitch ball grid array package; 208 balls;
body 15
× 15 × 0.7 mm
SOT950-1
Table 2.
Ordering options
Type number
Flash
(kB)
SRAM (kB)
External
bus
Ethernet
USB
OTG/
OHCI/
device
+ 4 kB
FIFO
SD/
MMC
GP
DMA
Temp
range
LPC2470FBD208
n/a
64
16
16
2
98 Full
32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C
to
+85
°C
LPC2470FET208
n/a
64
16
16
2
98 Full
32-bit
MII/RMII
yes
2
yes
yes
8
1
−40 °C
to
+85
°C


Similar Part No. - LPC2470FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470FBD208 PHILIPS-LPC2470FBD208 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470FBD208 NXP-LPC2470FBD208 Datasheet
696Kb / 89P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Rev. 3-14 February 2011
LPC2470FBD208 NXP-LPC2470FBD208 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
More results

Similar Description - LPC2470FBD208

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2470_1109 NXP-LPC2470_1109 Datasheet
800Kb / 91P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 4-8 September 2011
LPC2470 PHILIPS-LPC2470 Datasheet
1Mb / 72P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, LCD, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
LPC2470 NXP-LPC2470_11 Datasheet
696Kb / 89P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, LCD, USB 2.0 device/host/OTG
Rev. 3-14 February 2011
LPC2420 NXP-LPC2420 Datasheet
370Kb / 73P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 03-20 November 2008
LPC2420 NXP-LPC2420_10 Datasheet
1Mb / 79P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 05-24 February 2010
LPC2420 NXP-LPC2420_09 Datasheet
1Mb / 78P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 04-15 October 2009
LPC2420 NXP-LPC2420_11 Datasheet
505Kb / 86P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.1-22 September2011
LPC2420 NXP-LPC2420_V01 Datasheet
2Mb / 87P
   Flashless 16-bit/32-bit microcontroller; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 6.3-15 October 2020
LPC2460 PHILIPS-LPC2460_08 Datasheet
363Kb / 68P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 02-1 February 2008
LPC2460 PHILIPS-LPC2460 Datasheet
1Mb / 67P
   Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface
Rev. 00.01-5 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com