Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE97 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SE97
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97 Datasheet(HTML) 5 Page - NXP Semiconductors

  SE97 Datasheet HTML 1Page - NXP Semiconductors SE97 Datasheet HTML 2Page - NXP Semiconductors SE97 Datasheet HTML 3Page - NXP Semiconductors SE97 Datasheet HTML 4Page - NXP Semiconductors SE97 Datasheet HTML 5Page - NXP Semiconductors SE97 Datasheet HTML 6Page - NXP Semiconductors SE97 Datasheet HTML 7Page - NXP Semiconductors SE97 Datasheet HTML 8Page - NXP Semiconductors SE97 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
5 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration for TSSOP8
Fig 3.
Pin configuration for HXSON8
Fig 4.
Pin configuration for HVSON8
Fig 5.
Pin configuration for HWSON8
SE97PW
A0
VDD
A1
EVENT
A2
SCL
VSS
SDA
002aab805
1
2
3
4
6
5
8
7
terminal 1
index area
1
A0
SE97TL
002aad548
Transparent top view
2
A1
3
A2
4
8
7
6
5
VSS
VDD
EVENT
SCL
SDA
002aab803
SE97TK
SDA
A2
VSS
SCL
A1
EVENT
A0
VDD
Transparent top view
4
5
3
6
2
7
1
8
terminal 1
index area
terminal 1
index area
1
A0
SE97TP
002aad768
Transparent top view
2
A1
3
A2
4
8
7
6
5
VSS
VDD
EVENT
SCL
SDA
Table 2.
Pin description
Symbol
Pin
Type
Description
A0
1
I
I2C-bus/SMBus slave address bit 0 with internal pull-down. This
input is overvoltage tolerant to support software write protection.
A1
2
I
I2C-bus/SMBus slave address bit 1 with internal pull-down
A2
3
I
I2C-bus/SMBus slave address bit 2 with internal pull-down
VSS
4
ground
device ground
SDA
5
I/O
SMBus/I2C-bus serial data input/output (open-drain). Must have
external pull-up resistor.
SCL
6
I
SMBus/I2C-bus serial clock input/output (open-drain). Must have
external pull-up resistor.
EVENT
7
O
Thermal alarm output for high/low and critical temperature limit
(open-drain). Must have external pull-up resistor.
VDD
8
power
device power supply (3.0 V to 3.6 V); supports 1.7 V for
EEPROM read only.


Similar Part No. - SE97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97 NXP-SE97 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE97B NXP-SE97B Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SE97BTP NXP-SE97BTP Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
More results

Similar Description - SE97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98A NXP-SE98A_10 Datasheet
915Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 04-25 November 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
   2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com