Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE97PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SE97PW
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SE97PW Datasheet HTML 7Page - NXP Semiconductors SE97PW Datasheet HTML 8Page - NXP Semiconductors SE97PW Datasheet HTML 9Page - NXP Semiconductors SE97PW Datasheet HTML 10Page - NXP Semiconductors SE97PW Datasheet HTML 11Page - NXP Semiconductors SE97PW Datasheet HTML 12Page - NXP Semiconductors SE97PW Datasheet HTML 13Page - NXP Semiconductors SE97PW Datasheet HTML 14Page - NXP Semiconductors SE97PW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
11 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
– Work-around: Always clear the EVENT output before temperature exceeds the
critical temperature.
– SE97B will keep EVENT asserted after the temperature drops below the critical
temperature until a Clear EVENT command de-asserts EVENT.
7.4 Conversion rate
The conversion time is the amount of time required for the ADC to complete a temperature
measurement for the local temperature sensor. The conversion rate is the inverse of the
conversion period which describes the number of cycles the temperature measurement
completes in one second—the faster the conversion rate, the faster the temperature
reading is updated. The SE97’s conversion rate is at least 8 Hz or 125 ms.
7.4.1 What temperature is read when conversion is in progress
The SE97 has been designed to ensure a valid temperature is always available. When a
read to the temperature register is initiated through the SMBus, the device checks to see if
the temperature conversion process (Analog-to-Digital conversion) is complete and a new
temperature is available:
If the temperature conversion process is complete, then the new temperature value is
sent out on the SMBus.
If the temperature conversion process in not complete, then the previous temperature
value is sent out on the SMBus.
It is possible that while SMBus Master is reading the temperature register, a new
temperature conversion completes. However, this will not affect the data (MSB or LSB)
that is being shifted out. On the next read of the temperature register, the new
temperature value will be shifted out.
7.5 Power-up default condition
After power-on, the SE97 is initialized to the following default condition:
Starts monitoring local sensor
EVENT register is cleared; EVENT output is pulled HIGH by external pull-ups
EVENT hysteresis is defaulted to 0
°C
Command pointer is defaulted to ‘00h’
Critical Temp, Alarm Temperature Upper and Lower Boundary Trip register are
defaulted to 0
°C
Capability register is defaulted to ‘0017h’ for the B grade
Operational mode: comparator
SMBus register is defaulted to ‘00h’
7.6 Device initialization
SE97 temperature sensors have programmable registers, which, upon power-up, default
to zero. The open-drain EVENT output is default to being disabled, comparator mode and
active LOW. The alarm trigger registers default to being unprotected. The configuration
registers, upper and lower alarm boundary registers and critical temperature window are
defaulted to zero and need to be programmed to the desired values. SMBus TIMEOUT


Similar Part No. - SE97PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97PW NXP-SE97PW Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97PW NXP-SE97PW Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
More results

Similar Description - SE97PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE98 NXP-SE98 Datasheet
193Kb / 39P
   DDR memory module temp sensor, 3.3 V
Rev. 04-2 February 2009
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34E02-W ROHM-BR34E02-W Datasheet
1Mb / 20P
   DDR/DDR2 (For memory module) SPD Memory
logo
NXP Semiconductors
SE98A NXP-SE98A_10 Datasheet
915Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 04-25 November 2009
SE98A NXP-SE98A Datasheet
227Kb / 43P
   DDR memory module temp sensor, 1.7 V to 3.6 V
Rev. 02-6 August 2009
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
   2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com