Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8922CJ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8922CJ
Description  2 X 75 W class-D power amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8922CJ Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8922CJ Datasheet HTML 1Page - NXP Semiconductors TDA8922CJ Datasheet HTML 2Page - NXP Semiconductors TDA8922CJ Datasheet HTML 3Page - NXP Semiconductors TDA8922CJ Datasheet HTML 4Page - NXP Semiconductors TDA8922CJ Datasheet HTML 5Page - NXP Semiconductors TDA8922CJ Datasheet HTML 6Page - NXP Semiconductors TDA8922CJ Datasheet HTML 7Page - NXP Semiconductors TDA8922CJ Datasheet HTML 8Page - NXP Semiconductors TDA8922CJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TDA8922C_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 7 September 2009
2 of 40
NXP Semiconductors
TDA8922C
2
× 75 W class-D power amplifier
4.
Quick reference data
[1]
VDD is the supply voltage on pins VDDP1, VDDP2 and VDDA.
[2]
VSS is the supply voltage on pins VSSP1, VSSP2, VSSA and VSSD.
[3]
Output power is measured indirectly; based on RDSon measurement; see Section 13.3.
5.
Ordering information
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
General
VDD
supply voltage
Operating mode
[1] 12.5
30
32.5
V
VSS
negative supply voltage
Operating mode
[2]
−12.5 −30
−32.5 V
Vth(ovp)
overvoltage protection threshold
voltage
VDD − VSS
65
-
70
V
Iq(tot)
total quiescent current
Operating mode; no load; no filter;
no RC-snubber network connected
-40
70
mA
Stereo single-ended configuration
Po
output power
Tj =85 °C; LLC =22 µH; CLC = 680 nF (see
Figure 10); RL =6 Ω; THD+N=10%;
VDD =30V; VSS = −30 V
[3] -75
-
W
Mono bridge-tied load configuration
Po
output power
Tj =85 °C; LLC =22 µH; CLC = 680 nF (see
Figure 10); RL =8 Ω; THD + N = 10 %;
VDD =25V; VSS = −25 V
[3] -
155
-
W
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8922CJ
DBS23P
plastic DIL-bent-SIL power package; 23 leads (straight lead length 3.2 mm) SOT411-1
TDA8922CTH
HSOP24
plastic, heatsink small outline package; 24 leads; low stand-off height
SOT566-3


Similar Part No. - TDA8922CJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922CJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8922B PHILIPS-TDA8922B Datasheet
201Kb / 32P
   2 X 50 W class-D power amplifier
Rev. 01-1 October 2004
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com