Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2550 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM2550
Description  10.7MHz INPUT FM IF DEMODULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2550 Datasheet(HTML) 8 Page - New Japan Radio

Back Button NJM2550 Datasheet HTML 4Page - New Japan Radio NJM2550 Datasheet HTML 5Page - New Japan Radio NJM2550 Datasheet HTML 6Page - New Japan Radio NJM2550 Datasheet HTML 7Page - New Japan Radio NJM2550 Datasheet HTML 8Page - New Japan Radio NJM2550 Datasheet HTML 9Page - New Japan Radio NJM2550 Datasheet HTML 10Page - New Japan Radio NJM2550 Datasheet HTML 11Page - New Japan Radio NJM2550 Datasheet HTML 12Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NJM2550
Ver.2006-02-24
- 8 -
Pin No.
SYMBOL
EQUIVARENT CIRCUIT
VOLTAGE
FUNCTION
16
RSSI OUT
--
RSSI Output
Pin16 outputs DC level
proportional to the log of IF input
signal level to pin3.
Note :
1.
ESD protection diodes exist between each of the following pins and V+
Pin 1,3,4,6,8,9,10,11,16
2.
ESD protection diodes also exist between each of the following pins and ground.
Pin 1,3,4,6,7,8,9,10,11,12,13,14,15,16
16
V+
GND


Similar Part No. - NJM2550

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2552 NJRC-NJM2552 Datasheet
285Kb / 21P
   100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
NJM2552V NJRC-NJM2552V Datasheet
285Kb / 21P
   100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
NJM2555 NJRC-NJM2555 Datasheet
83Kb / 3P
   622MHz VCXO IC
NJM2555C-C NJRC-NJM2555C-C Datasheet
83Kb / 3P
   622MHz VCXO IC
NJM2555V NJRC-NJM2555V Datasheet
83Kb / 3P
   622MHz VCXO IC
More results

Similar Description - NJM2550

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592 Datasheet
69Kb / 3P
   470MHz INPUT 455kHz FM IF DEMODULATOR
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
NXP Semiconductors
TDA1576 PHILIPS-TDA1576 Datasheet
128Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
TDA1576T PHILIPS-TDA1576T Datasheet
110Kb / 16P
   FM/IF amplifier/demodulator circuit
1998 Nov 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com