Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2552 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2552
Description  100MHz INPUT MIXER AND 450kHz FM/AM IF DEMODULATOR IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2552 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2552 Datasheet HTML 1Page - New Japan Radio NJM2552 Datasheet HTML 2Page - New Japan Radio NJM2552 Datasheet HTML 3Page - New Japan Radio NJM2552 Datasheet HTML 4Page - New Japan Radio NJM2552 Datasheet HTML 5Page - New Japan Radio NJM2552 Datasheet HTML 6Page - New Japan Radio NJM2552 Datasheet HTML 7Page - New Japan Radio NJM2552 Datasheet HTML 8Page - New Japan Radio NJM2552 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NJM2552
- 5 -
Ver.2007-10-24
# Circuit 3 (Gv)
# Circuit 4 (Vod1/2, THD1/2/3, S/N1/2, AMR, Vrssi1/2/3, FMIFGV, VAGC, DVod )
V+
LOCAL IN
C3
68n
C4
68n
C5
0.1u
C6
0.1u
C13
18p
R10
1.5k
C12
0.01u
R9
10k
R8
8.2k
C11
0.01u
V+
C7
1000p
C8
1000p
R3
20k
C16
10u
V+
C17
10u
MIX IN
51
Vod1
THD1
S/N1
AMR
Vod2 DVod
THD2 S/N2
THD3
450kHz
CD
FMIFGV
VAGC Vrssi
BPF
0.1k to 30k
AM AF
OUT
AMP
OUT
RSSI
OUT
RF AGC
OUT
FM AF
OUT
AMP
IN
AM AGC
IN
C1
1000p
16
15
14
13
12
11
10
1
2
4
3
5
6
7
8
FM AMP
FM
DET
AMP
OSC
AMP
MIXER
9
17
18
19
20
RSSI
-A
AM AMP
AM
DET
AGC
+ -
+
-
LOCAL IN
C10
1u
R5
1k
R4
270k
C9
1u
V+
MIX IN
FM AF
OUT
Gv
31kHz
V+
AM AF
OUT
AMP
OUT
AM
SW
RSSI
OUT
RF AGC
OUT
AMP
IN
AM AGC
IN
C1
1000p
16
15
14
13
12
11
10
1
2
4
3
5
6
7
8
FM AMP
FM
DET
AMP
OSC
AMP
MIXER
9
17
18
19
20
RSSI
-A
AM AMP
AM
DET
AGC
+ -
+
-


Similar Part No. - NJM2552

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
NJM2550V NJRC-NJM2550V Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
NJM2555 NJRC-NJM2555 Datasheet
83Kb / 3P
   622MHz VCXO IC
NJM2555C-C NJRC-NJM2555C-C Datasheet
83Kb / 3P
   622MHz VCXO IC
NJM2555V NJRC-NJM2555V Datasheet
83Kb / 3P
   622MHz VCXO IC
More results

Similar Description - NJM2552

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2593 NJRC-NJM2593 Datasheet
266Kb / 16P
   50MHz INPUT MIXER AND 450kHz FM IF DEMODULATOR IC
NJM2591 NJRC-NJM2591 Datasheet
239Kb / 13P
   100MHz INPUT 450kHz FM IF DEMODULATOR IC FOR VOICE
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2592V-TE1 NJRC-NJM2592V-TE1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2590V-TE1 NJRC-NJM2590V-TE1 Datasheet
245Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
logo
Siemens Semiconductor G...
TDA2460-2 SIEMENS-TDA2460-2 Datasheet
372Kb / 14P
   MULTISTANDARD AM FM SOUND IF IC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com