Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2594V Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2594V
Description  DOUBLE BALANCED MODULATION / DEMODULATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2594V Datasheet(HTML) 4 Page - New Japan Radio

  NJM2594V Datasheet HTML 1Page - New Japan Radio NJM2594V Datasheet HTML 2Page - New Japan Radio NJM2594V Datasheet HTML 3Page - New Japan Radio NJM2594V Datasheet HTML 4Page - New Japan Radio NJM2594V Datasheet HTML 5Page - New Japan Radio NJM2594V Datasheet HTML 6Page - New Japan Radio NJM2594V Datasheet HTML 7Page - New Japan Radio NJM2594V Datasheet HTML 8Page - New Japan Radio NJM2594V Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NJM2594
- 4 -
! TERMINAL FUNCTION
(Ta=25°C,V
+=5.0V)
Pin No.
SYMBOL
EQUIVARENT CIRCUIT
VOLTAGE
FUNCTION
1
V+
5V
Power Supply.
2
OUTPUT1
4.0V
Collector Output.
3
OUTPUT2
3.3V
Emitter Output.
Since there is no internal
resistor to the ground,
emitter current may be
obtained by connecting an
external resistor.
This terminal voltage is
obtained with a 510Ω
external resistor.
4
GND
--
Ground.
5
SIGNAL
INPUT
2.2V
Signal Input Terminal.
6
BYPASS
2.2V
Common base lead of two
differential circuits.
This terminal should be
connected externally to AC
ground.
7
CARRIER
INPUT
2.2V
Carrier Input Terminal.
8
NC
--
No Connect.
The NC terminal is not
connected to internal circuit
so that this terminal can be
open or grounded.
1
3
2
V+
5
6
7
V+


Similar Part No. - NJM2594V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2594V NJRC-NJM2594V Datasheet
55Kb / 2P
   DOUBLE BALANCED MODULATION / DEMODULATION
More results

Similar Description - NJM2594V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2594 NJRC-NJM2594 Datasheet
55Kb / 2P
   DOUBLE BALANCED MODULATION / DEMODULATION
NJM1496 NJRC-NJM1496_1 Datasheet
150Kb / 5P
   DOUBLE BALANCED MODULATION / DEMODULATOR
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY76H MACOM-MY76H Datasheet
141Kb / 2P
   DOUBLE-BALANCED MIXER
M85M85C MACOM-M85M85C Datasheet
135Kb / 2P
   DOUBLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2B MA-COM-M2B_15 Datasheet
972Kb / 3P
   Double-Balanced Mixer
M2GC MA-COM-M2GC_15 Datasheet
995Kb / 3P
   Double-Balanced Mixer
M4A MA-COM-M4A_15 Datasheet
921Kb / 3P
   Double-Balanced Mixer
M9HC MA-COM-M9HC_15 Datasheet
963Kb / 3P
   Double-Balanced Mixer
M79H MA-COM-M79H_15 Datasheet
1Mb / 2P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com