Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5010DP Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPX5010DP
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5010DP Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPX5010DP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5010DP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MPX5010
Rev 12, 09/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPxx5010 series piezoresistive transducers are state-of-the-art
monolithic silicon pressure sensors designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This transducer combines advanced micromachining techniques,
thin-film metallization, and bipolar processing to provide an accurate, high
level analog output signal that is proportional to the applied pressure. The
axial port has been modified to accommodate industrial grade tubing.
Features
• 5.0% Maximum Error over 0
° to 85°C
• Ideally Suited for Microprocessor or Microcontroller-Based Systems
• Durable Epoxy Unibody and Thermoplastic (PPS) Surface Mount Package
• Temperature Compensated over -40
° to +125°C
• Patented Silicon Shear Stress Strain Gauge
• Available in Differential and Gauge Configurations
• Available in Surface Mount (SMT) or Through-hole (DIP) Configurations
ORDERING INFORMATION
Device Name
Case No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX5010 Series)
MPX5010DP
867C
MPX5010DP
MPX5010GP
867B
MPX5010GP
MPX5010GS
867E
MPX5010D
MPX5010GSX
867F
MPX5010D
Small Outline Package (MPXV5010 Series)
MPXV5010DP
1351
MPXV5010DP
MPXV5010G6U
482
MPXV5010G
MPXV5010GC6T1
482A
MPXV5010G
MPXV5010GC6U
482A
MPXV5010G
MPXV5010GC7U
482C
MPXV5010G
MPXV5010GP
1369
MPXV5010GP
Small Outline Package (Media Resistant Gel) (MPVZ5010 Series)
MPVZ5010G6U
482
MPVZ5010G
MPVZ5010G6T1
482
MPVZ5010G
MPVZ5010G7U
482B
MPVZ5010G
MPVZ5010GW6U
1735
MZ5010GW
MPVZ5010GW7U
1560
MZ5010GW
MPX5010
Series
0 to 10 kPa (0 to 1.45 psi)
(0 to 1019.78 mm H2O)
0.2 to 4.7 V Output
MPXV5010
MPVZ5010
Application Examples
• Hospital Beds
•HVAC
• Respiratory Systems
• Process Control
• Washing Machine Water Level
Measurement (Reference AN1950)
• Ideally Suited for Microprocessor or
Microcontroller-Based Systems
• Appliance Liquid Level and Pressure
Measurement


Similar Part No. - MPX5010DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5010DP MOTOROLA-MPX5010DP Datasheet
191Kb / 10P
   INTEGRATED PRESSURE SENSOR 0 to 10 kPa (0 to 1.45 psi) 0.2 to 4.7 V OUTPUT
MPX5010DP MOTOROLA-MPX5010DP Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPX5010DP FREESCALE-MPX5010DP Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5010DP NXP-MPX5010DP Datasheet
561Kb / 24P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 13, 10/2012
logo
Motorola, Inc
MPX5010DP1 MOTOROLA-MPX5010DP1 Datasheet
6Mb / 670P
   Sensor
More results

Similar Description - MPX5010DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com