Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S9100HR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF8S9100HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S9100HR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF8S9100HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S9100HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
RF Device Data
Freescale Semiconductor
MRF8S9100HR3 MRF8S9100HSR3
Figure 1. MRF8S9100HR3(HSR3) Test Circuit Component Layout
MRF8S9100H
Rev. 2
C7
VGS
B1
R1
C6
C4
C5
C3
L1
C2
C1
C14
C13
C10
C12
C11
C9
C8
L2
C15
C16
C17 C18 C19
VDS
C22
C21
C20
Table 5. MRF8S9100HR3(HSR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Short RF Bead
2743019447
Fair-Rite
C1, C6
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C2
5.6 pF Chip Capacitor
ATC100B5R6BT500XT
ATC
C3
7.5 pF Chip Capacitor
ATC100B7R5BT500XT
ATC
C4, C5
9.1 pF Chip Capacitors
ATC100B9R1BT500XT
ATC
C7, C17, C18, C19
10 μF, 35 V Tantalum Capacitors
T491D106K035AT
Kemet
C8, C9
13 pF Chip Capacitors
ATC100B130BT500XT
ATC
C10, C11
2.7 pF Chip Capacitors
ATC100B2R7BT500XT
ATC
C12
6.2 pF Chip Capacitor
ATC100B6R2BT500XT
ATC
C13
1.8 pF Chip Capacitor
ATC100B1R8BT500XT
ATC
C14
20 pF Chip Capacitor
ATC100B200JT500XT
ATC
C15, C16
0.56 μF, 50 V Chip Capacitors
C1825C564J5RAC-TU
Kemet
C20, C21, C22
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26 -RH
Multicomp
L1, L2
12.5 nH, 4 Turn Inductors
A04TJLC
Coilcraft
R1
0 Ω, 3 A Chip Resistor
CRCW12060000Z0EA
Vishay
PCB
0.030″, εr = 2.55
AD255A-0300-55-11
Arlon


Similar Part No. - MRF8S9100HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
490Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3_10 Datasheet
490Kb / 14P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF8S9100HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com