Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8S9200NR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF8S9200NR3
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S9200NR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF8S9200NR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S9200NR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MRF8S9200NR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
800
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 2. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 58 Watts Avg.
−25
−5
−10
−15
−20
16
21
20.5
20
−40
44
42
40
38
−30
−32
−34
−36
ηD
19.5
19
18.5
18
17.5
17
16.5
825
850
875
900
925
950
975
1000
36
−38
−30
PARC
−2
0
−0.5
−1
−1.5
−2.5
Figure 3. Intermodulation Distortion Products
versus Two-Tone Spacing
TWO−TONE SPACING (MHz)
10
−60
−10
−20
−30
−50
1
100
−40
IM3−U
IM3−L
IM5−U
IM5−L
IM7−L
IM7−U
VDD = 28 Vdc, Pout = 160 W (PEP), IDQ = 1400 mA
Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
Figure 4. Output Peak-to-Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
−1
−3
−5
50
0
−2
−4
30
70
90
130
25
55
50
45
40
35
30
−1 dB = 49.04 W
110
ηD
ACPR
PARC
−50
−20
−25
−30
−40
−35
−45
20
19.5
19
18.5
18
17.5
17
Gps
VDD = 28 Vdc, Pout = 58 W (Avg.)
IDQ = 1400 mA, Single−Carrier W−CDMA
3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB
@ 0.01% Probability on CCDF
VDD = 28 Vdc, IDQ = 1400 mA, f = 940 MHz
Single−Carrier W−CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF
−2 dB = 69.69 W
−3 dB = 95.95 W


Similar Part No. - MRF8S9200NR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S9200NR3 FREESCALE-MRF8S9200NR3 Datasheet
491Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF8S9200NR3 FREESCALE-MRF8S9200NR3_10 Datasheet
491Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results

Similar Description - MRF8S9200NR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com