Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXHZ6115A6T1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPXHZ6115A6T1
Description  High Temperature Accuracy Integrated Silicon Pressure Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6115A6T1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPXHZ6115A6T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXHZ6115A6T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MPXA6115A
Sensors
2
Freescale Semiconductor
Pressure
Small Outline Package (Media Gel Resistant) (MPXHZ6115A Series)
MPXHZ6115A6U
1317
MPXHZ6115A
MPXHZ6115A6T1
1317
MPXHZ6115A
MPXHZ6115AC6U
1317A
MPXHZ6115A
MPXHZ6115AC6T1
1317A
MPXHZ6115A
ORDERING INFORMATION
SMALL OUTLINE PACKAGES
SUPER SMALL OUTLINE PACKAGES
MPXA6115A6U/T1
MPXAZ6115A6U
CASE 482-01
MPXA6115AC6U/T1
MPXAZ6115AC6U/T1
CASE 482A-01
MPXH6115A6U/T1
MPXHZ6115A6U/T1
CASE 1317-04
MPXH6115AC6U/T1
MPXHZ6115AC6U/T1
CASE 1317A-04
MPXA6115AC7U
CASE 482C-03
MPXAZ6115AP/T1
CASE 1369-01


Similar Part No. - MPXHZ6115A6T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXHZ6115A6T1 MOTOROLA-MPXHZ6115A6T1 Datasheet
251Kb / 12P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Freescale Semiconductor...
MPXHZ6115A6T1 FREESCALE-MPXHZ6115A6T1 Datasheet
355Kb / 15P
   Media Resistant and High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXHZ6115A6T1 FREESCALE-MPXHZ6115A6T1 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6115A6T1 NXP-MPXHZ6115A6T1 Datasheet
385Kb / 20P
   MPXxx6115A, 15 to 115 kPa, Absolute, Integrated Pressure Sensor
Rev. 7.3, 04/2015
More results

Similar Description - MPXHZ6115A6T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Motorola, Inc
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
   HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Freescale Semiconductor...
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6300A FREESCALE-MPXH6300A_12 Datasheet
186Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV5050V FREESCALE-MPXV5050V Datasheet
96Kb / 8P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXH6400A FREESCALE-MPXH6400A Datasheet
191Kb / 8P
   High Temperature Accuracy integrated Silicon Pressure Sensor
MPXH6250A FREESCALE-MPXH6250A_09 Datasheet
192Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
MP3H6115A FREESCALE-MP3H6115A_09 Datasheet
180Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com