Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXV5004G Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV5004G
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV5004G Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV5004G Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV5004G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPXV5004G
Rev 12, 09/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2006-2009. All rights reserved.
Pressure
Integrated Silicon Pressure Sensor
On-Chip Signal Conditioned,
Temperature Compensated and
Calibrated
The MPxx5004 series piezoresistive transducer is a state-of-the-art
monolithic silicon pressure sensor designed for a wide range of applications,
but particularly those employing a microcontroller or microprocessor with A/D
inputs. This sensor combines a highly sensitive implanted strain gauge with
advanced micromachining techniques, thin-film metallization, and bipolar
processing to provide an accurate, high level analog output signal that is
proportional to the applied pressure.
Features
• 1.5% Maximum Error for 0 to 100 mm H2O over +10° to +60°C with Auto Zero
• 2.5% Maximum Error for 100 to 400 mm H2O over +10° to +60°C with Auto Zero
• 6.25% Maximum Error for 0 to 400 mm H2O over +10° to +60°C without Auto Zero
• Temperature Compensated over 10
° to 60°C
• Available in Gauge Surface Mount (SMT) or Through-Hole (DIP) Configurations
• Durable Thermoplastic (PPS) Package
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV5004 Series)
MPXV5004DP
1351
MPXV5004DP
MPXV5004GC6T1
482A
MPXV5004G
MPXV5004GC6U
482A
MPXV5004G
MPXV5004GC7U
482C
MPXV5004G
MPXV5004GP
1369
MPXV5004GP
MPXV5004GPT1
1369
MPXV5004GP
MPXV5004GVP
1368
MPXV5004GVP
Small Outline Package (Media Resistant Gel) (MPVZ5004 Series)
MPVZ5004G6T1
482
MPVZ5004G
MPVZ5004G6U
482
MPVZ5004G
MPVZ5004G7U
482B
MPVZ5004G
MPVZ5004GC6U
482A
MPVZ5004G
MPVZ5004GW6U
1735
MZ5004GW
MPVZ5004GW7U
1560
MZ5004GW
MPXV5004
Series
0 to 3.92 kPa
(0 to 400 mm H2O)
1.0 to 4.9 V Output
MPVZ5004
Application Examples
• Washing Machine Water Level
• Ideally Suited for Microprocessor or
Microcontroller-Based Systems
• Appliance Liquid Level and Pressure
Measurement
• Respiratory Equipment


Similar Part No. - MPXV5004G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXV5004G FREESCALE-MPXV5004G Datasheet
267Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV5004G FREESCALE-MPXV5004G Datasheet
387Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV5004G FREESCALE-MPXV5004G Datasheet
397Kb / 20P
   DEMOAPEXSENSOR Usage Altitude Pressure EXperimental (APEX) Sensor Board
MPXV5004G6T1 FREESCALE-MPXV5004G6T1 Datasheet
267Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Motorola, Inc
MPXV5004G6T1 MOTOROLA-MPXV5004G6T1 Datasheet
6Mb / 670P
   Sensor
More results

Similar Description - MPXV5004G

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100 FREESCALE-MPX5100_10 Datasheet
356Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com