Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD520D Datasheet(PDF) 3 Page - Weitron Technology

Part # WSD520D
Description  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD520D Datasheet(HTML) 3 Page - Weitron Technology

  WSD520D Datasheet HTML 1Page - Weitron Technology WSD520D Datasheet HTML 2Page - Weitron Technology WSD520D Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
WSD520D
http://www.weitron.com.tw
3/3
Rev.A 05-Aug-09
Electrical Characteristic Curves (T =25°C)
A
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
Fig.1 FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
Fig.2 REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
Fig.3 REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
1
10
100
1000
10000
100000
1000000
0
10
20
30
1
10
100
0
5
10
15
20
f=1MHz
TA=-25°C
TA=125°C
TA=75°C
TA=25°C
TA=-25°C
TA=125°C
TA=25°C
TA=75°C


Similar Part No. - WSD520D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD520BS-40 WEITRON-WSD520BS-40 Datasheet
1Mb / 4P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD520G WEITRON-WSD520G Datasheet
484Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD520G WEITRON-WSD520G_10 Datasheet
408Kb / 4P
   Surface Mount Schottky Barrier Diodes
WSD520S WEITRON-WSD520S Datasheet
510Kb / 4P
   Surface Mount Schottky Barrier Diodes
More results

Similar Description - WSD520D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com