Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT78L12G Datasheet(PDF) 6 Page - Weitron Technology

Part # WT78L12G
Description  Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT78L12G Datasheet(HTML) 6 Page - Weitron Technology

Back Button WT78L12G Datasheet HTML 2Page - Weitron Technology WT78L12G Datasheet HTML 3Page - Weitron Technology WT78L12G Datasheet HTML 4Page - Weitron Technology WT78L12G Datasheet HTML 5Page - Weitron Technology WT78L12G Datasheet HTML 6Page - Weitron Technology WT78L12G Datasheet HTML 7Page - Weitron Technology WT78L12G Datasheet HTML 8Page - Weitron Technology WT78L12G Datasheet HTML 9Page - Weitron Technology WT78L12G Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
WEITRON
http://www.weitron.com.tw
WT78LXX
6/10
23-Mar-07
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Vin=19V, IO=40mA, Tj=25°C
14.5V ≤ Vin ≤ 27V, 1mA ≤ IO ≤ 40mA
14.5V≤ Vin ≤Vmax, 1mA≤ IO ≤70mA (Note2)
Line Regulation
14.5V ≤ Vin ≤ 27V, IO=40mA, Tj=25°C
16V ≤ Vin ≤ 27V, IO=40mA, Tj=25°C
WT78L12 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=19V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
12.0
-
11.64
11.40
12.36
12.60
25
20
-
-
300
250
mV
Load Regulation
Vin = 19V, 1mA ≤ IO ≤ 100mA, Tj=25°C
Vin = 19V, 1mA ≤ IO ≤ 40mA, Tj=25°C
Quiescent Current
Vin = 19V, IO =0mA, Tj=25°C
25
12
-
-
150
75
mV
VO
VO
VO
2.0
-
6.0
mA
IQ
Quiescent Current Change
Vin = 19V, 1mA ≤ IO ≤ 40mA
16V ≤ Vin ≤ 27V, IO=40mA
-
-
-
-
0.1
1.5
mA
IQ
Output Noise Voltage
10Hz ≤ f ≤ 100KHz
80
-
-
µV
Vn
Dropout Voltage
IO = 100mA, Tj=25°C
1.7
-
-
V
VD
Temperature Coefficient of Output Voltage
IO = 5mA, 0°C ≤ Tj ≤ 125°C
-1.0
-
-
mV/°C
VO / Tj
Temperature Coefficient of Output Voltage
IO = 5mA, 0°C ≤ Tj ≤ 125°C
-1.3
-
-
mV/°C
VO / Tj
Ripple Rejection
15V ≤ Vin ≤ 25V, f=120Hz, Tj=25°C
65
37
-
dB
RR
A-Rank(3%)
B-Rank(5%)
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Vin=23V, IO=40mA, Tj=25°C
17.5V ≤ Vin ≤ 30V, 1mA ≤ IO ≤ 40mA
17.5V≤ Vin ≤Vmax, 1mA≤ IO ≤70mA (Note2)
Line Regulation
17.5V ≤ Vin ≤ 30V, IO=40mA, Tj=25°C
20V ≤ Vin ≤ 30V, IO=40mA, Tj=25°C
15.0
-
14.55
14.25
15.45
15.75
25
15
-
-
150
75
mV
Load Regulation
Vin = 23V, 1mA ≤ IO ≤ 100mA, Tj=25°C
Vin = 23V, 1mA ≤ IO ≤ 70mA, Tj=25°C
Quiescent Current
Vin = 23V, IO =0mA, Tj=25°C
20
25
-
-
150
150
mV
VO
VO
VO
2.2
-
6.5
mA
IQ
Quiescent Current Change
Vin = 23V, 1mA ≤ IO ≤ 40mA
20V ≤ Vin ≤ 30V, IO=40mA
-
-
-
-
0.1
1.5
mA
IQ
Output Noise Voltage
10Hz ≤ f ≤ 100KHz
90
-
-
µV
Vn
Dropout Voltage
IO = 100mA, Tj=25°C
1.7
-
-
V
VD
Ripple Rejection
18.5V ≤ Vin ≤ 28.5V, f=120Hz, Tj=25°C
63
34
-
dB
RR
A-Rank(3%)
B-Rank(5%)
WT78L15 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=23V, Cin=0.33µF, CO=0.1µF unless otherwise specified)


Similar Part No. - WT78L12G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT78L12 WEITRON-WT78L12 Datasheet
935Kb / 7P
   Positive Voltage Regulator
WT78L12 WEITRON-WT78L12 Datasheet
900Kb / 7P
   Positive Voltage Regulator
More results

Similar Description - WT78L12G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com