Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF54450VM240 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCF54450VM240
Description  MCF5445x ColdFire짰 Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF54450VM240 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF54450VM240 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF54450VM240 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
MCF5445x ColdFire® Microprocessor Data Sheet, Rev. 6
Hardware Design Considerations
Freescale Semiconductor
6
3.2
Oscillator Power Filtering
Figure 3 shows an example for isolating the oscillator power supply from the I/O supply (EVDD) and ground.
Figure 3. Oscillator Power Filter
3.3
Supply Voltage Sequencing
Figure 4 shows situations in sequencing the I/O VDD (EVDD), SDRAM VDD (SDVDD), PLL VDD (PVDD), and internal
logic/core VDD (IVDD).
Figure 4. Supply Voltage Sequencing and Separation Cautions
The relationship between SDVDD and EVDD is non-critical during power-up and power-down sequences. SDVDD (2.5V or
1.8V) and EVDD are specified relative to IVDD.
VDD_OSC
10
Ω
0.1 µF
EVDD Pin
1 µF
GND
VSS_OSC
100 MHz
EVDD (3.3V)
IVDD, PVDD
Time
3.3V
1.5V
0
Notes:
1 Input voltage must not be greater than the supply voltage (EV
DD, SDVDD, IVDD, or PVDD) by more than 0.5V
at any time, including during power-up.
2 Use 50 V/millisecond or slower rise time for all supplies.
2.5V
Supplies Stable
SDVDD (2.5V — DDR)
1.8V
SDVDD (1.8V — DDR2)


Similar Part No. - MCF54450VM240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF54450VM240 FREESCALE-MCF54450VM240 Datasheet
930Kb / 46P
   Microprocessor
MCF54450VM240 FREESCALE-MCF54450VM240 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54450VM240 NXP-MCF54450VM240 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
More results

Similar Description - MCF54450VM240

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF54455 NXP-MCF54455 Datasheet
541Kb / 49P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
Rev. 9, 04/2021
logo
Freescale Semiconductor...
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5329DS NXP-MCF5329DS Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Freescale Semiconductor...
MCF5208EC FREESCALE-MCF5208EC_08 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5373DS NXP-MCF5373DS Datasheet
1Mb / 46P
   MCF537x ColdFire짰 Microprocessor Data Sheet
Rev. 4, 11/2008
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com