Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX356AVM5B Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCIMX356AVM5B
Description  i.MX35 Applications Processors for Automotive Products
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX356AVM5B Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCIMX356AVM5B Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX356AVM5B Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
10
ESAI
Enhanced
serial audio
interface
SDMA
Connectivity
peripherals
The enhanced serial audio interface (ESAI) provides a full-duplex
serial port for serial communication with a variety of serial devices,
including industry-standard codecs, SPDIF transceivers, and other
DSPs. The ESAI consists of independent transmitter and receiver
sections, each section with its own clock generator.
eSDHCv2
(3)
Enhanced
secure digital
host controller
ARM
Connectivity
peripherals
The eSDHCv2 consists of four main modules: CE-ATA, MMC, SD
and SDIO. CE-ATA is a hard drive interface that is optimized for
embedded applications of storage. The MultiMediaCard (MMC) is a
universal, low-cost, data storage and communication media to
applications such as electronic toys, organizers, PDAs, and smart
phones. The secure digital (SD) card is an evolution of MMC and is
specifically designed to meet the security, capacity, performance,
and environment requirements inherent in emerging audio and
video consumer electronic devices. SD cards are categorized into
Memory and I/O. A memory card enables a copyright protection
mechanism that complies with the SDMI security standard. SDIO
cards provide high-speed data I/O (such as wireless LAN via SDIO
interface) with low power consumption.
Note: CE-ATA is not available for the MCIMX351.
FEC
Ethernet
SDMA
Connectivity
peripherals
The Ethernet media access controller (MAC) is designed to support
both 10 and 100 Mbps Ethernet/IEEE 802.3 networks. An external
transceiver interface and transceiver function are required to
complete the interface to the media
GPIO(3)
General
purpose I/O
modules
ARM
Pins
Used for general purpose input/output to external ICs. Each GPIO
module supports 32 bits of I/O.
GPT
General
purpose timers
ARM
Timer
peripherals
Each GPT is a 32-bit free-running or set-and-forget mode timer with
a programmable prescaler and compare and capture registers. A
timer counter value can be captured using an external event and can
be configured to trigger a capture event on either the leading or
trailing edges of an input pulse. When the timer is configured to
operate in set-and-forget mode, it is capable of providing precise
interrupts at regular intervals with minimal processor intervention.
The counter has output compare logic to provide the status and
interrupt at comparison. This timer can be configured to run either
on an external clock or on an internal clock.
GPU2D
Graphics
processing unit
2Dv1
ARM
Multimedia
peripherals
This module accelerates OpenVG and GDI graphics.
Note: Not available for the MCIMX351.
Table 4. Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Domain1
Subsystem
Brief Description


Similar Part No. - MCIMX356AVM5B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX356AVM5B FREESCALE-MCIMX356AVM5B Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
MCIMX356AVM5B FREESCALE-MCIMX356AVM5B Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
logo
NXP Semiconductors
MCIMX356AVM5B NXP-MCIMX356AVM5B Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
More results

Similar Description - MCIMX356AVM5B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX35SR2AEC NXP-MCIMX35SR2AEC Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com