Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX357CVM5B Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCIMX357CVM5B
Description  i.MX35 Applications Processors for Industrial and Consumer Products
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX357CVM5B Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCIMX357CVM5B Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX357CVM5B Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
11
3
Signal Descriptions: Special Function Related Pins
Some special functional requirements are supported in the device. The details about these special functions
and the corresponding pin names are listed in Table 4.
4
Electrical Characteristics
The following sections provide the device-level and module-level electrical characteristics for the i.MX35
processor.
4.1
i.MX35 Chip-Level Conditions
This section provides the device-level electrical characteristics for the IC. See Table 5 for a quick reference
to the individual tables and sections.
1 ARM = ARM1136 platform, SDMA = SDMA platform
Table 4. Special Function Related Pins
Function Name
Pin Name
Mux Mode
Detailed Description
External ARM Clock
EXT_ARMCLK
ALT0
External clock input for ARM clock.
External Peripheral Clock
I2C1_CLK
ALT6
External peripheral clock source.
External 32-kHz Clock
CAPTURE
ALT4
External clock input of 32 kHz, used when the internal
24M Oscillator is powered off, which could be
configured either from CAPTURE or CSPI1_SS1.
CSPI1_SS1
ALT2
Clock Out
CLKO
ALT0
Clock-out pin from CCM, clock source is controllable
and can also be used for debug.
Power Ready
GPIO1_0
ALT1
PMIC power-ready signal, which can be configured
either from GPIO1_0 or TX1.
TX1
ALT1
Tamper Detect
GPIO1_1
ALT6
Tamper-detect logic is used to issue a security
violation. This logic is activated if the tamper-detect
input is asserted. Tamper-detect logic is enabled by the
bit of IOMUXC_GPRA[2]. After enabling the logic, it is
impossible to disable it until the next reset.
Table 5. i.MX35 Chip-Level Conditions
Characteristics
Table/Location
Absolute Maximum Ratings
Table 6 on page 12
i.MX35 Operating Ranges
Table 7 on page 12
Interface Frequency
Table 8 on page 13


Similar Part No. - MCIMX357CVM5B

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX357CVM5B FREESCALE-MCIMX357CVM5B Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
logo
NXP Semiconductors
MCIMX357CVM5B NXP-MCIMX357CVM5B Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
More results

Similar Description - MCIMX357CVM5B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX515DJM8CR2 FREESCALE-MCIMX515DJM8CR2 Datasheet
4Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
logo
NXP Semiconductors
IMX51CEC NXP-IMX51CEC Datasheet
3Mb / 202P
   i.MX51 Applications Processors for Consumer and Industrial Products
Rev. 6, 10/2012
logo
Freescale Semiconductor...
IMX51 FREESCALE-IMX51 Datasheet
3Mb / 184P
   i.MX51 Applications Processors for Consumer and Industrial Products
PCIMX515DJM8C FREESCALE-PCIMX515DJM8C Datasheet
4Mb / 202P
   Processors for Consumer and Industrial Products
IMX35 FREESCALE-IMX35 Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Automotive Products
logo
NXP Semiconductors
MCIMX35SR2AEC NXP-MCIMX35SR2AEC Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com