Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX355AJQ4C Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX355AJQ4C
Description  i.MX35 Applications Processors for Automotive Products
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX355AJQ4C Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX355AJQ4C Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX355AJQ4C Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 148 page
background image
i.MX35 Applications Processors for Automotive Products, Rev. 6
Freescale Semiconductor
6
1.3
Block Diagram
Figure 1 is the i.MX35 simplified interface block diagram.
Figure 1. i.MX35 Simplified Interface Block Diagram
2
Functional Description and Application Information
The i.MX35 consists of the following major subsystems:
ARM1136 Platform—AP domain
SDMA Platform and EMI—Shared domain
2.1
Application Processor Domain Overview
The applications processor (AP) and its domain are responsible for running the operating system and
applications software, providing the user interface, and supplying access to integrated and external
peripherals. The AP domain is built around an ARM1136JF-S core with 16-Kbyte instruction and data L1
caches, an MMU, a 128-Kbyte L2 cache, a multiported crossbar switch, and advanced debug and trace
interfaces.
External Memory
Interface (EMI)
Smart
DMA
Peripherals
ARM11
Internal
Memory
DDR2/SDDR
RAM
NOR
Flash/
NAND
Flash
Audio/Power
Management
ARM1136JF-S
ESAI
SPBA
CSPI
UART
Camera
Image
Processing Unit
(IPU)
Platform
Bluetooth
MMC/SDIO
Keypad
VFP
L2 cache
MAX
AIPS (2)
JTAG
LCD Display 2
LCD Display 1
Sensor
External Graphics
Accelerator
Timers
GPT
RTC
GPIO(3)
WDOG
OWIRE
I2C(3)
PWM
KPP
UART(2)
3 FuseBox
PSRAM
or WLAN
SCC
CAN(2)
SPDIF
HS USBOTG
ATA
IIM
CSPI
RTICv3
eSDHC(3)
MSHC
ASRC
AUDMUX
L1 I/D cache
ETM
AVIC
RNGC
EPIT
ECT
IOMUX
MLB
FEC
HS USBOTGPHY
HS USBHost
FS USBPHY
SSI
SSI
GPIO(3)
ECT
GPU 2D
Connectivity
Access
ARM1136 Platform Peripherals


Similar Part No. - MCIMX355AJQ4C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX355AJQ4C FREESCALE-MCIMX355AJQ4C Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
logo
NXP Semiconductors
MCIMX355AJQ4C NXP-MCIMX355AJQ4C Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
More results

Similar Description - MCIMX355AJQ4C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX35SR2AEC NXP-MCIMX35SR2AEC Datasheet
1Mb / 147P
   i.MX35 Applications Processors for Automotive Products
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35 FREESCALE-MCIMX35_10 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
IMX35 FREESCALE-IMX35_1 Datasheet
3Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com